Electronic Components Datasheet Search
  English  ▼

X  

SM01 Datasheet(PDF) 17 Page - AVX Corporation

Part # SM01
Description  SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SM01 Datasheet(HTML) 17 Page - AVX Corporation

Back Button SM01 Datasheet HTML 10Page - AVX Corporation SM01 Datasheet HTML 11Page - AVX Corporation SM01 Datasheet HTML 12Page - AVX Corporation SM01 Datasheet HTML 13Page - AVX Corporation SM01 Datasheet HTML 14Page - AVX Corporation SM01 Datasheet HTML 15Page - AVX Corporation SM01 Datasheet HTML 16Page - AVX Corporation SM01 Datasheet HTML 17Page - AVX Corporation SM01 Datasheet HTML 18Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
24
DSCC
Cap.
Max. A
Dwg.
Value
Cap. Case Lead
Dimension
87106-
(μF)
Tol. Code Style mm (inches)
100V
085
15
K
3
N
9.14 (0.360)
086
15
M
3
N
9.14 (0.360)
333
15
K
3
J
9.14 (0.360)
334
15
M
3
J
9.14 (0.360)
087
18
K
3
N
9.14 (0.360)
088
18
M
3
N
9.14 (0.360)
335
18
K
3
J
9.14 (0.360)
336
18
M
3
J
9.14 (0.360)
089
22
K
3
N
12.2 (0.480)
090
22
M
3
N
12.2 (0.480)
337
22
M
3
K
12.2 (0.480)
338
22
M
3
J
12.2 (0.480)
091
27
K
3
N
16.5 (0.650)
092
27
M
3
N
16.5 (0.650)
339
27
K
3
J
16.5 (0.650)
340
27
M
3
J
16.5 (0.650)
093
33
K
1
N
9.14 (0.360)
094
33
M
1
N
9.14 (0.360)
341
33
K
1
J
9.14 (0.360)
342
33
M
1
J
9.14 (0.360)
095
39
K
1
N
12.2 (0.480)
096
39
M
1
N
12.2 (0.480)
343
39
K
1
J
12.2 (0.480)
344
39
M
1
J
12.2 (0.480)
097
47
K
1
N
12.2 (0.480)
098
47
M
1
N
12.2 (0.480)
345
47
K
1
J
12.2 (0.480)
346
47
M
1
J
12.2 (0.480)
099
56
K
1
N
16.5 (0.650)
100
56
M
1
N
16.5 (0.650)
347
56
K
1
J
16.5 (0.650)
348
56
M
1
J
16.5 (0.650)
101
68
K
2
N
12.2 (0.480)
102
68
M
2
N
12.2 (0.480)
349
68
K
2
J
12.2 (0.480)
350
68
M
2
J
12.2 (0.480)
103
82
K
2
N
16.5 (0.650)
104
82
M
2
N
16.5 (0.650)
351
82
K
2
J
16.5 (0.650)
352
82
M
2
J
16.5 (0.650)
105
100
K
6
N
9.14 (0.360)
106
100
M
6
N
9.14 (0.360)
353
100
K
6
J
9.14 (0.360)
354
100
M
6
J
9.14 (0.360)
107
120
K
6
N
9.14 (0.360)
108
120
M
6
N
9.14 (0.360)
355
120
K
6
J
9.14 (0.360)
356
120
M
6
J
9.14 (0.360)
109
150
K
6
N
12.2 (0.480)
110
150
M
6
N
12.2 (0.480)
357
150
K
6
J
12.2 (0.480)
358
150
M
6
J
12.2 (0.480)
111
180
K
6
N
16.5 (0.650)
112
180
M
6
N
16.5 (0.650)
359
180
K
6
J
16.5 (0.650)
360
180
M
6
J
16.5 (0.650)
SMPS Stacked MLC Capacitors
(SM Style) SM Military Styles DSCC Dwg. #87106 (X7R)
Electrical characteristics
DSCC
Cap.
Max. A
Dwg.
Value
Cap. Case Lead
Dimension
87106-
(μF)
Tol. Code Style mm (inches)
200V
113
.47
K
5
N
6.10 (0.240)
114
.47
M
5
N
6.10 (0.240)
361
.47
K
5
J
6.10 (0.240)
362
.47
M
5
J
6.10 (0.240)
115
.56
K
5
N
6.10 (0.240)
116
.56
M
5
N
6.10 (0.240)
363
.56
K
5
J
6.10 (0.240)
364
.56
M
5
J
6.10 (0.240)
117
.68
K
5
N
9.14 (0.360)
118
.68
M
5
N
9.14 (0.360)
365
.68
K
5
J
9.14 (0.360)
366
.68
M
5
J
9.14 (0.360)
119
.82
K
5
N
9.14 (0.360)
120
.82
M
5
N
9.14 (0.360)
367
.82
M
5
J
9.14 (0.360)
368
.82
M
5
J
9.14 (0.360)
121
1.0
K
5
N
12.2 (0.480)
122
1.0
M
5
N
12.2 (0.480)
369
1.0
K
5
J
12.2 (0.480)
370
1.0
M
5
J
12.2 (0.480)
123
1.2
K
5
N
12.2 (0.480)
124
1.2
M
5
N
12.2 (0.480)
371
1.2
K
5
J
12.2 (0.480)
372
1.2
M
5
J
12.2 (0.480)
125
1.5
K
5
N
16.5 (0.650)
126
1.5
M
5
N
16.5 (0.650)
373
1.5
K
5
J
16.5 (0.650)
374
1.5
M
5
J
16.5 (0.650)
127
1.8
K
4
N
9.14 (0.360)
128
1.8
M
4
N
9.14 (0.360)
375
1.8
K
4
J
9.14 (0.360)
376
1.8
M
4
J
9.14 (0.360)
129
2.2
K
4
N
9.14 (0.360)
130
2.2
M
4
N
9.14 (0.360)
377
2.2
K
4
J
9.14 (0.360)
378
2.2
M
4
J
9.14 (0.360)
131
2.7
K
4
N
12.2 (0.480)
132
2.7
M
4
N
12.2 (0.480)
379
2.7
K
4
J
12.2 (0.480)
380
2.7
M
4
J
12.2 (0.480)
133
3.3
K
4
N
12.2 (0.480)
134
3.3
M
4
N
12.2 (0.480)
381
3.3
K
4
J
12.2 (0.480)
382
3.3
M
4
J
12.2 (0.480)
135
3.9
K
4
N
16.5 (0.650)
136
3.9
M
4
N
16.5 (0.650)
383
3.9
K
4
J
16.5 (0.650)
384
3.9
M
4
J
16.5 (0.650)
137
4.7
K
3
N
6.10 (0.240)
138
4.7
M
3
N
6.10 (0.240)
385
4.7
K
3
J
6.10 (0.240)
386
4.7
M
3
J
6.10 (0.240)
139
5.6
K
3
N
6.10 (0.240)
140
5.6
M
3
N
6.10 (0.240)
387
5.6
K
3
J
6.10 (0.240)
388
5.6
M
3
J
6.10 (0.240)
141
6.8
K
3
N
9.14 (0.360)
142
6.8
M
3
N
9.14 (0.360)
389
6.8
K
3
J
9.14 (0.360)
390
6.8
M
3
J
9.14 (0.360)
143
8.2
K
3
N
9.14 (0.360)
144
8.2
M
3
N
9.14 (0.360)
391
8.2
K
3
J
9.14 (0.360)
392
8.2
M
3
J
9.14 (0.360)
DSCC
Cap.
Max. A
Dwg.
Value
Cap. Case Lead
Dimension
87106-
(μF)
Tol. Code Style mm (inches)
200V
145
10
K
3
N
12.2 (0.480)
146
10
M
3
N
12.2 (0.480)
393
10
K
3
J
12.2 (0.480)
394
10
M
3
J
12.2 (0.480)
147
12
K
3
N
16.5 (0.650)
148
12
M
3
N
16.5 (0.650)
395
12
K
3
J
16.5 (0.650)
396
12
M
3
J
16.5 (0.650)
149
15
K
1
N
9.14 (0.360)
150
15
M
1
N
9.14 (0.360)
397
15
K
1
J
9.14 (0.360)
398
15
M
1
J
9.14 (0.360)
151
18
K
1
N
12.2 (0.480)
152
18
M
1
N
12.2 (0.480)
399
18
K
1
J
12.2 (0.480)
400
18
M
1
J
12.2 (0.480)
153
22
K
1
N
16.5 (0.650)
154
22
M
1
N
16.5 (0.650)
401
22
K
1
J
16.5 (0.650)
402
22
M
1
J
16.5 (0.650)
155
27
K
1
N
16.5 (0.650)
156
27
M
1
N
16.5 (0.650)
403
27
K
1
J
16.5 (0.650)
404
27
M
1
J
16.5 (0.650)
157
33
K
2
N
12.2 (0.480)
158
33
M
2
N
12.2 (0.480)
405
33
K
2
J
12.2 (0.480)
406
33
M
2
J
12.2 (0.480)
159
39
K
2
N
16.5 (0.650)
160
39
M
2
N
16.5 (0.650)
407
39
K
2
J
16.5 (0.650)
408
39
M
2
J
16.5 (0.650)
161
47
K
6
N
6.10 (0.240)
162
47
M
6
N
6.10 (0.240)
409
47
K
6
J
6.10 (0.240)
410
47
M
6
J
6.10 (0.240)
163
56
K
6
N
9.14 (0.360)
164
56
M
6
N
9.14 (0.360)
411
56
K
6
J
9.14 (0.360)
412
56
M
6
J
9.14 (0.360)
165
68
K
6
N
9.14 (0.360)
166
68
M
6
N
9.14 (0.360)
413
68
K
6
J
9.14 (0.360)
414
68
M
6
J
9.14 (0.360)
167
82
K
6
N
12.2 (0.480)
168
82
M
6
N
12.2 (0.480)
415
82
K
6
J
12.2 (0.480)
416
82
M
6
J
12.2 (0.480)
169
100
K
6
N
16.5 (0.650)
170
100
M
6
N
16.5 (0.650)
417
100
K
6
J
16.5 (0.650)
418
100
M
6
J
16.5 (0.650)
171
120
K
6
N
16.5 (0.650)
172
120
M
6
N
16.5 (0.650)
419
120
K
6
J
16.5 (0.650)
420
120
M
6
J
16.5 (0.650)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com