Electronic Components Datasheet Search
  English  ▼

X  

SM01 Datasheet(PDF) 14 Page - AVX Corporation

Part # SM01
Description  SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SM01 Datasheet(HTML) 14 Page - AVX Corporation

Back Button SM01 Datasheet HTML 10Page - AVX Corporation SM01 Datasheet HTML 11Page - AVX Corporation SM01 Datasheet HTML 12Page - AVX Corporation SM01 Datasheet HTML 13Page - AVX Corporation SM01 Datasheet HTML 14Page - AVX Corporation SM01 Datasheet HTML 15Page - AVX Corporation SM01 Datasheet HTML 16Page - AVX Corporation SM01 Datasheet HTML 17Page - AVX Corporation SM01 Datasheet HTML 18Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
21
SMPS Stacked MLC Capacitors
(SM Style) SM Military Styles DSCC Dwg. #87106 & #88011
Ordering Information
Part Number: The complete part number shall be as follows:
X7R:
87106
XXX
_________________
______________
Drawing number
Dash number
(see list)
Ordering Data. The contract or purchase order should
specify the following:
a. Complete part number.
b. Requirements for delivery of one copy of the quality con-
formance inspection data with each shipment of parts by
the manufacturer.
c. Whether the manufacturer performs the group B tests, or
provides certification of compliance with group B require-
ments.
d. Requirements for notification of change of products to
acquiring activity, if applicable.
e. Requirements for packaging and packing.
Source of Supply.
Vendor CAGE
Vendor name
number
and address
_____________
_________________________
96095
Olean Advanced Products
A Division of AVX Corporation
1695 Seneca Avenue
Olean, NY 14760
Performance Characteristics
Operating Temperature Range. The operating temperature
range shall be -55°C to +125°C.
Electrical Characteristics.
Rated Voltage. See tables on pages 23, 24, 25 & 26.
Capacitance. Measured in accordance with method 305 of
MIL-STD-202 (1KHz at 1.0Vrms, open circuit voltage, at +25°C).
Dissipation Factor (+25°C). X7R: Dissipation factor shall be
2.5 percent maximum (measured under the same conditions
as capacitance.) C0G: Dissipation factor shall be 0.15 percent
maximum.
Temperature Coefficient.
DSCC Dwg.
Bias = 0 volt
Bias = rated voltage
88011
All Voltages
0±30 ppm/°C
0±30 ppm/°C
87106
50 WVDC
±15%
+15, -25%
and 100 WVDC
87106
200 WVDC
±15%
+15, -40%
87106
500 WVDC
±15%
+15, -50%
Insulation Resistance.
At +25°C, rated voltage: 100K MΩ or 1,000 MΩ-μF,
whichever is less.
At +125°C, rated voltage: 10K MΩ or 100 MΩ-μF,
whichever is less.
Dielectric Withstanding Voltage. Dielectric withstanding volt-
age shall be 250 percent of rated voltage except 500V rated
parts at 150 percent of rated voltage.
Capacitance Tolerance.
J = ±5 percent, K = ±10 percent,
M = ±20 percent.
Solderability of Terminals.
In accordance with MIL-PRF-
49470.
Resistance to Soldering Heat. In accordance with MIL-STD-
202, method 210, condition B, for 20 seconds.
Shock. In accordance with MIL-PRF-49470.
Immersion Cycling. In accordance with MIL-PRF-49470.
Moisture Resistance. In accordance with MIL-PRF-49470.
Life. Life shall be 200 percent of rated voltage except 500V
rated parts at 120 percent of rated voltage applied at +125°C for
1,000 hours.
Thermal Shock. MIL-STD-202, method 107, test condition A,
except high temperature is +125°C.
Voltage Conditioning.
In accordance with MIL-PRF-49470,
except 500V rated parts at 120 percent of rated voltage at
+125°C.
Terminal Strength. MIL-STD-202, method 211, condition B,
except that each lead shall be bent away from the body 90
degrees from the original position and back, two bends.
Marking. Marking shall be in accordance with MIL-STD-1285,
except the part number shall be as specified in paragraph 1.2
of 87106, or 88011 with the manufacturer’s name or code and
date code minimum, except case sizes 4 and 5 shall be marked
with coded cap and tolerance minimum. Full marking shall be
included on the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com