Electronic Components Datasheet Search
  English  ▼

X  

SM01 Datasheet(PDF) 7 Page - AVX Corporation

Part # SM01
Description  SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SM01 Datasheet(HTML) 7 Page - AVX Corporation

Back Button SM01 Datasheet HTML 3Page - AVX Corporation SM01 Datasheet HTML 4Page - AVX Corporation SM01 Datasheet HTML 5Page - AVX Corporation SM01 Datasheet HTML 6Page - AVX Corporation SM01 Datasheet HTML 7Page - AVX Corporation SM01 Datasheet HTML 8Page - AVX Corporation SM01 Datasheet HTML 9Page - AVX Corporation SM01 Datasheet HTML 10Page - AVX Corporation SM01 Datasheet HTML 11Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
14
NOTES:
1. Dimensions are in millimeters (inches)
2. Unless otherwise specified, tolerances are 0.254 (±0.001).
3. See table I of MIL-PRF-49470/2 for specific maximum A dimension. For
all lead styles, the number of chips is determined by the capacitance and
voltage rating.
4. Lead alignment within pin rows shall be within ±0.10 (0.004).
Case Code
C ±0.635 (±0.025)
D ±0.635 (±0.025)
E (max)
Number of Leads
per side
1
11.4 (0.450)
54.7 (2.155)
14.7 (0.580)
20
2
20.3 (0.800)
41.0 (1.615)
24.1 (0.950)
15
3
11.4 (0.450)
29.3 (1.155)
14.7 (0.580)
10
4
10.2 (0.400)
12.3 (0.485)
12.3 (0.485)
4
5
6.35 (0.250)
9.02 (0.355)
9.02 (0.355)
3
6
31.8 (1.250)
54.7 (2.155)
36.3 (1.430)
20
DIMENSIONS:
millimeters (inches)
MIL-PRF-49470/2
MIL-PRF-49470/2 - capacitor, fixed, ceramic dielectric, switch mode power supply (general purpose and temperature stable),
standard reliability and high reliability encapsulated, Style PS02.
D
0.38
±0.13
(0.015
±0.005)
A MAX
See Note 3
4.45 (0.175) MAX
1.02 (0.040) MIN
2.54 (0.100) TYP
SEATING
PLANE
See Note 4
0.50
±0.05
(0.020
±0.002)
C
E
6.35 (0.250)
MIN
0.254 ±0.05
(0.010 ±0.002)
0.254 (0.010)
RAD (TYP)
C
E
L
1.27 (0.050) MIN
0.254 (0.010)
RAD (TYP)
C
E
L
1.27 (0.050) MIN
SMPS Stacked MLC Capacitors
(SM Style) SM Military Styles MIL-PRF-49470/2
LEAD STYLE J AND C
CIRCUIT DIAGRAM
LEAD STYLE L AND B
LEAD STYLE N AND A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com