Electronic Components Datasheet Search
  English  ▼

X  

SM01 Datasheet(PDF) 16 Page - AVX Corporation

Part # SM01
Description  SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SM01 Datasheet(HTML) 16 Page - AVX Corporation

Back Button SM01 Datasheet HTML 10Page - AVX Corporation SM01 Datasheet HTML 11Page - AVX Corporation SM01 Datasheet HTML 12Page - AVX Corporation SM01 Datasheet HTML 13Page - AVX Corporation SM01 Datasheet HTML 14Page - AVX Corporation SM01 Datasheet HTML 15Page - AVX Corporation SM01 Datasheet HTML 16Page - AVX Corporation SM01 Datasheet HTML 17Page - AVX Corporation SM01 Datasheet HTML 18Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
23
SMPS Stacked MLC Capacitors
(SM Style) SM Military Styles DSCC Dwg. #87106 (X7R)
Electrical characteristics
Max. A
DSCC
Cap.
Dwg.
Value
Cap. Case Lead
Dimension
87106-
(μF)
Tol. Code Style mm (inches)
50V
001
1.0
K
5
N
3.05 (0.120)
002
1.0
M
5
N
3.05 (0.120)
241
1.0
K
5
J
3.05 (0.120)
242
1.0
M
5
J
3.05 (0.120)
003
1.2
K
5
N
3.05 (0.120)
004
1.2
M
5
N
3.05 (0.120)
243
1.2
K
5
J
3.05 (0.120)
244
1.2
M
5
J
3.05 (0.120)
005
1.5
K
5
N
6.10 (0.240)
006
1.5
M
5
N
6.10 (0.240)
245
1.5
K
5
J
6.10 (0.240)
246
1.5
M
5
J
6.10 (0.240)
007
1.8
K
5
N
6.10 (0.240)
008
1.8
M
5
N
6.10 (0.240)
247
1.8
K
5
J
6.10 (0.240)
248
1.8
M
5
J
6.10 (0.240)
009
2.2
K
5
N
6.10 (0.240)
010
2.2
M
5
N
6.10 (0.240)
249
2.2
K
5
J
6.10 (0.240)
250
2.2
M
5
J
6.10 (0.240)
011
2.7
K
5
N
9.14 (0.360)
012
2.7
M
5
N
9.14 (0.360)
251
2.7
K
5
J
9.14 (0.360)
252
2.7
M
5
J
9.14 (0.360)
013
3.3
K
5
N
9.14 (0.360)
014
3.3
M
5
N
9.14 (0.360)
253
3.3
K
5
J
9.14 (0.360)
254
3.3
M
5
J
9.14 (0.360)
015
3.9
K
5
N
12.2 (0.480)
016
3.9
M
5
N
12.2 (0.480)
255
3.9
K
5
J
12.2 (0.480)
256
3.9
M
5
J
12.2 (0.480)
017
4.7
K
5
N
12.2 (0.480)
018
4.7
M
5
N
12.2 (0.480)
257
4.7
K
5
J
12.2 (0.480)
258
4.7
M
5
J
12.2 (0.480)
019
5.6
K
5
N
16.5 (0.650)
020
5.6
M
5
N
16.5 (0.650)
259
5.6
K
5
J
16.5 (0.650)
260
5.6
M
5
J
16.5 (0.650)
223
6.8
K
4
N
9.14 (0.360)
224
6.8
M
4
N
9.14 (0.360)
261
6.8
K
4
J
9.14 (0.360)
262
6.8
M
4
J
9.14 (0.360)
021
8.2
K
4
N
9.14 (0.360)
022
8.2
M
4
N
9.14 (0.360)
263
8.2
K
4
J
9.14 (0.360)
264
8.2
M
4
J
9.14 (0.360)
023
10
K
4
N
12.2 (0.480)
024
10
M
4
N
12.2 (0.480)
265
10
K
4
J
12.2 (0.480)
266
10
M
4
J
12.2 (0.480)
025
12
K
4
N
12.2 (0.480)
026
12
M
4
N
12.2 (0.480)
267
12
K
4
J
12.2 (0.480)
268
12
M
4
J
12.2 (0.480)
027
15
K
4
N
16.5 (0.650)
028
15
M
4
N
16.5 (0.650)
269
15
K
4
J
16.5 (0.650)
270
15
M
4
J
16.5 (0.650)
029
18
K
3
N
6.10 (0.240)
030
18
M
3
N
6.10 (0.240)
271
18
K
3
J
6.10 (0.240)
Max. A
DSCC
Cap.
Dwg.
Value
Cap. Case Lead
Dimension
87106-
(μF)
Tol. Code Style mm (inches)
50V
272
18
M
3
J
6.10 (0.240)
272
18
M
3
J
6.10 (0.240)
031
22
K
3
N
9.14 (0.360)
032
22
M
3
N
9.14 (0.360)
273
22
K
3
J
9.14 (0.360)
274
22
M
3
J
9.14 (0.360)
033
27
K
3
N
9.14 (0.360)
034
27
M
3
N
9.14 (0.360)
275
27
K
3
J
9.14 (0.360)
276
27
M
3
J
9.14 (0.360)
035
33
K
3
N
9.14 (0.360)
036
33
M
3
N
9.14 (0.360)
277
33
K
3
J
9.14 (0.360)
278
33
M
3
J
9.14 (0.360)
037
39
K
3
N
12.2 (0.480)
038
39
M
3
N
12.2 (0.480)
279
39
K
3
J
12.2 (0.480)
280
39
M
3
J
12.2 (0.480)
039
47
K
3
N
16.5 (0.650)
040
47
M
3
N
16.5 (0.650)
281
47
K
3
J
16.5 (0.650)
282
47
M
3
J
16.5 (0.650)
225
56
K
1
N
9.14 (0.360)
226
56
M
1
N
9.14 (0.360)
283
56
K
1
J
9.14 (0.360)
284
56
M
1
J
9.14 (0.360)
041
68
K
1
N
12.2 (0.480)
042
68
M
1
N
12.2 (0.480)
285
68
K
1
J
12.2 (0.480)
286
68
M
1
J
12.2 (0.480)
043
82
K
1
N
12.2 (0.480)
044
82
M
1
N
12.2 (0.480)
287
82
K
1
J
12.2 (0.480)
288
82
M
1
J
12.2 (0.480)
045
100
K
1
N
16.5 (0.650)
046
100
M
1
N
16.5 (0.650)
289
100
K
1
J
16.5 (0.650)
290
100
M
1
J
16.5 (0.650)
227
120
K
2
N
12.2 (0.480)
228
120
M
2
N
12.2 (0.480)
291
120
K
2
J
12.2 (0.480)
292
120
M
2
J
12.2 (0.480)
047
150
K
2
N
16.5 (0.650)
048
150
M
2
N
16.5 (0.650)
293
150
K
2
J
16.5 (0.650)
294
150
M
2
J
16.5 (0.650)
049
180
K
6
N
12.2 (0.480)
050
180
M
6
N
12.2 (0.480)
295
180
K
6
J
12.2 (0.480)
296
180
M
6
J
12.2 (0.480)
051
220
K
6
N
12.2 (0.480)
052
220
M
6
N
12.2 (0.480)
297
220
K
6
J
12.2 (0.480)
298
220
M
6
J
12.2 (0.480)
053
270
K
6
N
16.5 (0.650)
054
270
M
6
N
16.5 (0.650)
299
270
K
6
J
16.5 (0.650)
300
270
M
6
J
16.5 (0.650)
Max. A
DSCC
Cap.
Dwg.
Value
Cap. Case Lead
Dimension
87106-
(μF)
Tol. Code Style mm (inches)
100V
055
.68
K
5
N
3.05 (0.120)
056
.68
M
5
N
3.05 (0.120)
301
.68
K
5
J
3.05 (0.120)
302
.68
M
5
J
3.05 (0.120)
057
.82
K
5
N
6.10 (0.240)
058
.82
M
5
N
6.10 (0.240)
303
.82
K
5
J
6.10 (0.240)
304
.82
M
5
J
6.10 (0.240)
059
1.0
K
5
N
6.10 (0.240)
060
1.0
M
5
N
6.10 (0.240)
305
1.0
K
5
J
6.10 (0.240)
306
1.0
M
5
J
6.10 (0.240)
061
1.2
K
5
N
6.10 (0.240)
062
1.2
M
5
N
6.10 (0.240)
307
1.2
K
5
J
6.10 (0.240)
308
1.2
M
5
J
6.10 (0.240)
063
1.5
K
5
N
9.14 (0.360)
064
1.5
M
5
N
9.14 (0.360)
309
1.5
K
5
J
9.14 (0.360)
310
1.5
M
5
J
9.14 (0.360)
065
1.8
K
5
N
9.14 (0.360)
066
1.8
M
5
N
9.14 (0.360)
311
1.8
K
5
J
9.14 (0.360)
312
1.8
M
5
J
9.14 (0.360)
067
2.2
K
5
N
12.2 (0.480)
068
2.2
M
5
N
12.2 (0.480)
313
2.2
K
5
J
12.2 (0.480)
314
2.2
M
5
J
12.2 (0.480)
069
2.7
K
5
N
12.2 (0.480)
070
2.7
M
5
N
12.2 (0.480)
315
2.7
K
5
J
12.2 (0.480)
316
2.7
M
5
J
12.2 (0.480)
071
3.3
K
5
N
16.5 (0.650)
072
3.3
M
5
N
16.5 (0.650)
317
3.3
K
5
J
16.5 (0.650)
318
3.3
M
5
J
16.5 (0.650)
073
3.9
K
4
N
9.14 (0.360)
074
3.9
M
4
N
9.14 (0.360)
319
3.9
K
4
J
9.14 (0.360)
320
3.9
M
4
J
9.14 (0.360)
075
4.7
K
4
N
9.14 (0.360)
076
4.7
M
4
N
9.14 (0.360)
321
4.7
K
4
J
9.14 (0.360)
322
4.7
M
4
J
9.14 (0.360)
077
5.6
K
4
N
12.2 (0.480)
078
5.6
M
4
N
12.2 (0.480)
323
5.6
K
4
J
12.2 (0.480)
324
5.6
M
4
J
12.2 (0.480)
079
6.8
K
4
N
12.2 (0.480)
080
6.8
M
4
N
12.2 (0.480)
325
6.8
K
4
J
12.2 (0.480)
326
6.8
M
4
J
12.2 (0.480)
081
8.2
K
4
N
16.5 (0.650)
082
8.2
M
4
N
16.5 (0.650)
327
8.2
K
4
J
16.5 (0.650)
328
8.2
M
4
J
16.5 (0.650)
229
10
K
3
N
6.10 (0.240)
230
10
M
3
N
6.10 (0.240)
329
10
K
3
J
6.10 (0.240)
330
10
M
3
J
6.10 (0.240)
083
12
K
3
N
6.10 (0.240)
084
12
M
3
N
6.10 (0.240)
331
12
K
3
J
6.10 (0.240)
332
12
M
3
J
6.10 (0.240)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com