Electronic Components Datasheet Search
  English  ▼

X  

SM01 Datasheet(PDF) 3 Page - AVX Corporation

Part # SM01
Description  SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SM01 Datasheet(HTML) 3 Page - AVX Corporation

  SM01 Datasheet HTML 1Page - AVX Corporation SM01 Datasheet HTML 2Page - AVX Corporation SM01 Datasheet HTML 3Page - AVX Corporation SM01 Datasheet HTML 4Page - AVX Corporation SM01 Datasheet HTML 5Page - AVX Corporation SM01 Datasheet HTML 6Page - AVX Corporation SM01 Datasheet HTML 7Page - AVX Corporation SM01 Datasheet HTML 8Page - AVX Corporation SM01 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
10
50V
100V 200V 500V
50V
100V 200V 500V
50V
100V
200V 500V
1.0 .70 .40 .18 1.2 1.0 .60 .26 .47 .40 .20 .09
27 12 7.0 2.6 41 18 11 4.0 18 6.0 3.6 1.3
84 32 12 – – 110 46 34 – – 40 15 6.0 – –
SMPS Stacked MLC Capacitors
(SM Style)
Max Capacitance (μF) Available Versus Style with Height (A) of 0.120" - 3.05mm
50V
100V 200V 500V
50V
100V 200V 500V
50V
100V
200V 500V
.16 .13 .07 .02 .05 .04 .02 .01 3.2 2.4 1.3 .50
7.5 1.8 1.1 .40 2.8 .68 .40 .16 80 40
24 9.4
12 4.6 3.0 – – 4.6 1.8 .72 – – 260 140 92 – –
Max Capacitance (μF) Available Versus Style with Height (A) of 0.240" - 6.10mm
50V
100V 200V 500V
50V
100V 200V 500V
50V
100V
200V 500V
2.0 1.4 .80 .36 2.4 2.0 1.2 .52 1.0 .80 .40 .18
54 24 14 5.2 82 36 22 8.0 36 12 7.2 2.6
160 64 24 – – 230 92 68 – – 80 30
12 – –
50V
100V 200V 500V
50V
100V 200V 500V
50V
100V
200V 500V
.32 .26 .14 .05 .10 .08 .05 .02 6.4 4.8 2.6 1.0
15 3.6 2.2 .80 5.6 1.3 .80 .32 160 80
48 18
24 9.2 6.0 – – 9.2 3.6 1.4 – – 520 280 180 – –
Max Capacitance (μF) Available Versus Style with Height (A) of 0.360" - 9.14mm
50V
100V 200V 500V
50V
100V 200V 500V
50V
100V
200V 500V
3.0 2.1 1.2 .54 3.6 3.0 1.8 .78 1.5 1.2 .60 .27
82 36 21 7.8 120 54 33 12
54 18
10 3.9
250 96 36 – – 350 130 100 – – 120 45
18 – –
50V
100V 200V 500V
50V
100V 200V 500V
50V
100V
200V 500V
.48 .39 .21 .07 .15 .12 .07 .03 9.6 7.2 3.9 1.5
22 5.4 3.3 1.2 8.2 2.0 1.2 .48 240 120 72 28
36 13 9.0 – – 13 5.4 2.1 – – 780 430 270 – –
Max Capacitance (μF) Available Versus Style with Height (A) of 0.480" - 12.2mm
50V
100V 200V 500V
50V
100V 200V 500V
50V
100V
200V 500V
4.0 2.8 1.6 .72 4.8 4.0 2.2 1.0 2.0 1.6 .80 .36
110 48 28 10 160 72 44 16
72 24
14 5.2
330 120 48 – – 470 180 130 – – 160 60
24 – –
50V
100V 200V 500V
50V
100V 200V 500V
50V
100V
200V 500V
.64 .52 .28 .10 .20 .16 .10 .04 12 9.6 5.2 2.0
30 7.2 4.4 1.6 10 2.7 1.6 .64 320 160 96 37
48 18 12 – – 18 7.2 2.8 – – 1000 570 360 – –
Max Capacitance (μF) Available Versus Style with Height (A) of 0.650" - 16.5mm
50V
100V 200V 500V
50V
100V 200V 500V
50V
100V
200V 500V
5.0 3.5 2.0 .90 6.0 5.0 3.0 1.3 2.5 2.0 1.0 .47
130 60 35 13 200 90 55 20
90 30
18 6.5
420 160 60 – – 590 230 170 – – 200 75
30 – –
50V
100V 200V 500V
50V
100V 200V 500V
50V
100V
200V 500V
.80 .65 .35 .12 .25 .20 .12 .05 16 12 6.5 2.5
36 9.0 5.5 2.0 12 3.4 2.0 .80 400 200 120 47
60 23 15 – – 23 9.0 3.6 – – 1300 720 460 – –
SM01 _ _ _ _ _ _ AN120
SM02 _ _ _ _ _ _ AN120
SM03 _ _ _ _ _ _ AN120
SM04 _ _ _ _ _ _ AN120
SM05 _ _ _ _ _ _ AN120
SM06 _ _ _ _ _ _ AN120
AVX
STYLE
C0G
X7R
Z5U
SM01 _ _ _ _ _ _ AN240
SM02 _ _ _ _ _ _ AN240
SM03 _ _ _ _ _ _ AN240
SM04 _ _ _ _ _ _ AN240
SM05 _ _ _ _ _ _ AN240
SM06 _ _ _ _ _ _ AN240
AVX
STYLE
C0G
X7R
Z5U
SM01 _ _ _ _ _ _ AN360
SM02 _ _ _ _ _ _ AN360
SM03 _ _ _ _ _ _ AN360
SM04 _ _ _ _ _ _ AN360
SM05 _ _ _ _ _ _ AN360
SM06 _ _ _ _ _ _ AN360
AVX
STYLE
C0G
X7R
Z5U
SM01 _ _ _ _ _ _ AN480
SM02 _ _ _ _ _ _ AN480
SM03 _ _ _ _ _ _ AN480
SM04 _ _ _ _ _ _ AN480
SM05 _ _ _ _ _ _ AN480
SM06 _ _ _ _ _ _ AN480
AVX
STYLE
C0G
X7R
Z5U
SM01 _ _ _ _ _ _ AN650
SM02 _ _ _ _ _ _ AN650
SM03 _ _ _ _ _ _ AN650
SM04 _ _ _ _ _ _ AN650
SM05 _ _ _ _ _ _ AN650
SM06 _ _ _ _ _ _ AN650
AVX
STYLE
C0G
X7R
Z5U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com