Electronic Components Datasheet Search
  English  ▼

X  

SM01 Datasheet(PDF) 6 Page - AVX Corporation

Part # SM01
Description  SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SM01 Datasheet(HTML) 6 Page - AVX Corporation

Back Button SM01 Datasheet HTML 2Page - AVX Corporation SM01 Datasheet HTML 3Page - AVX Corporation SM01 Datasheet HTML 4Page - AVX Corporation SM01 Datasheet HTML 5Page - AVX Corporation SM01 Datasheet HTML 6Page - AVX Corporation SM01 Datasheet HTML 7Page - AVX Corporation SM01 Datasheet HTML 8Page - AVX Corporation SM01 Datasheet HTML 9Page - AVX Corporation SM01 Datasheet HTML 10Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
13
NOTES:
1. Dimensions are in millimeters (inches)
2. Unless otherwise specified, tolerances are 0.254 (±0.010).
3. Lead frame configuration is shown as typical above the seating plane.
4. See table I of MIL-PRF-49470/1 for specific maximum A dimension. For maximum B dimension, add 1.65 (0.065) to
the appropriate A dimension. For all lead styles, the number of chips is determined by the capacitance and voltage
rating.
5. For case code 5, dimensions shall be 2.54 (0.100) maximum and 0.305 (0.012) minimum.
6. Lead alignment within pin rows shall be within ±0.10 (0.005).
MIL-PRF-49470/1
MIL-PRF-49470/1 - capacitor, fixed, ceramic dielectric, switch mode power supply (general purpose and temperature stable),
standard reliability and high reliability unencapsulated, Style PS01.
D
1.397
±0.254
(0.055
±0.010)
B
See
Note 4
A
See
Note 4
6.35 (0.250) MIN
2.54 (0.100) MAX
0.635 (0.025) MIN
(See Note 5)
2.54 (0.100) TYP
SEATING PLANE
See Note 3
See Note 6
0.508
±0.050
(0.020
±0.002)
C
E
6.35 (0.250)
MIN
0.254
±0.05
(0.010
±0.002)
0.254 (0.010)
RAD (TYP)
C
E
L
1.27 (0.050) MIN
0.254 (0.010)
RAD (TYP)
C
E
L
1.27 (0.050) MIN
SMPS Stacked MLC Capacitors
(SM Style) SM Military Styles MIL-PRF-49470/1
D
Number of
Case Code
C ±0.635 (±0.025)
E (max.)
Leads
Min.
Max.
per side
1
11.4 (0.450)
49.5 (1.950)
52.7 (2.075)
12.7 (0.500)
20
2
20.3 (0.800)
36.8 (1.450)
40.0 (1.535)
22.1 (0.870)
15
3
11.4 (0.450)
24.1 (0.950)
27.3 (1.075)
12.7 (0.500)
10
4
10.2 (0.400)
8.89 (0.350)
10.8 (0.425)
11.2 (0.440)
4
5
6.35 (0.250)
6.20 (0.224)
6.97 (0.275)
7.62 (0.300)
3
6
31.8 (1.250)
49.5 (1.950)
52.7 (2.075)
34.3 (1.350)
20
DIMENSIONS:
millimeters (inches)
LEAD STYLE N AND A
LEAD STYLE J AND C
CIRCUIT DIAGRAM
LEAD STYLE L AND B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com