Electronic Components Datasheet Search
  English  ▼

X  

51795B Datasheet(PDF) 38 Page - Microchip Technology

Part # 51795B
Description  PICkit??3 Programmer/Debugger
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

51795B Datasheet(HTML) 38 Page - Microchip Technology

Back Button 51795B Datasheet HTML 34Page - Microchip Technology 51795B Datasheet HTML 35Page - Microchip Technology 51795B Datasheet HTML 36Page - Microchip Technology 51795B Datasheet HTML 37Page - Microchip Technology 51795B Datasheet HTML 38Page - Microchip Technology 51795B Datasheet HTML 39Page - Microchip Technology 51795B Datasheet HTML 40Page - Microchip Technology 51795B Datasheet HTML 41Page - Microchip Technology 51795B Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 100 page
background image
PICkit™ 3 User’s Guide
DS51795B-page 38
 2010 Microchip Technology Inc.
FIGURE 6-2:
DOWNLOAD COMPLETE
Disconnect the PICkit 3 from the PC USB port. When any USB power source is applied,
the PICkit 3 unit will power-up in Programmer-To-Go mode, indicated by the blinking
“Active” LED.
6.5
USING PICkit 3 PROGRAMMER-TO-GO
To use PICkit 3 Programmer-To-Go to program a target device once it has been set up,
follow the steps below.
1. Connect a USB power source as discussed in Section 6.2 “USB Power for
PICkit 3 Programmer-To-Go” to the PICkit 3 unit.
2. Ensure the PICkit 3 “Power” LED is lit. The “Active” LED blinks once to indicate
the unit is in Programmer-To-Go mode and ready to program.
3. Connect the PICkit 3 unit ICSP connector to the target. Ensure the target is
powered properly if not powering from PICkit 3.
4. Press the PICkit 3 push button to begin programming.
During the programming operation the PICkit 3 “Status” LED will turn orange and
remain lit continuously while the operation takes place.
When the programming operation is complete, the PICkit 3 unit will provide feedback
on the operation via the unit LEDs. A green “Status” LED indicates a successful
operation. Red indicates a programming failure. See Table 6-2 for the feedback codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com