| Electronic Components Datasheet Search |
|
51795B Datasheet(PDF) 89 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
51795B Datasheet(HTML) 89 Page - Microchip Technology |
|
89 / 100 page ![]() Glossary 2010 Microchip Technology Inc. DS51795B-page 89 One-to-One Project-Workspace Model The most common configuration for application development in MPLAB IDE to is have one project in one workspace. Select Configure>Settings, Projects tab and check “Use one-to-one project-workspace model”. Opcodes Operational Codes. See Mnemonics. Operators Symbols, like the plus sign ‘+’ and the minus sign ‘-’, that are used when forming well-defined expressions. Each operator has an assigned precedence that is used to determine order of evaluation. OTP One Time Programmable. EPROM devices that are not in windowed packages. Since EPROM needs ultraviolet light to erase its memory, only windowed devices are eras- able. Pass Counter A counter that decrements each time an event (such as the execution of an instruction at a particular address) occurs. When the pass count value reaches zero, the event is satisfied. You can assign the Pass Counter to break and trace logic, and to any sequential event in the complex trigger dialog. PC Personal Computer or Program Counter. PC Host Any PC running a supported Windows operating system. Persistent Data Data that is never cleared or initialized. Its intended use is so that an application can preserve data across a device reset. Phantom Byte An unimplemented byte in the dsPIC architecture that is used when treating the 24-bit instruction word as if it were a 32-bit instruction word. Phantom bytes appear in dsPIC hex files. PIC MCUs PIC microcontrollers (MCUs) refers to all Microchip microcontroller families. PICkit 1, 2, and 3 Microchip’s developmental device programmers with debug capability through Debug Express. See the Readme files for each tool to see which devices are supported. PICSTART Plus A developmental device programmer from Microchip. Programs 8-, 14-, 28-, and 40-pin PIC microcontrollers. Must be used with MPLAB IDE software. Plug-ins The MPLAB IDE has both built-in components and plug-in modules to configure the system for a variety of software and hardware tools. Several plug-in tools may be found under the Tools menu. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |