| Electronic Components Datasheet Search |
|
51795B Datasheet(PDF) 91 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
51795B Datasheet(HTML) 91 Page - Microchip Technology |
|
91 / 100 page ![]() Glossary 2010 Microchip Technology Inc. DS51795B-page 91 Program Memory IDE – The memory area in a device where instructions are stored. Also, the memory in the emulator or simulator containing the downloaded target application firmware. ALU30, C30 – The memory area in a device where instructions are stored. Project A project contains the files needed to build an application (source code, linker script files, etc.) along with their associations to various build tools and build options. Prologue A portion of compiler-generated code that is responsible for allocating stack space, pre- serving registers and performing any other machine-specific requirement specified in the runtime model. This code executes before any user code for a given function. Prototype System A term referring to a user's target application, or target board. PWM Signals Pulse Width Modulation Signals. Certain PIC MCU devices have a PWM peripheral. Qualifier An address or an address range used by the Pass Counter or as an event before another operation in a complex trigger. Radix The number base, hex, or decimal, used in specifying an address. RAM Random Access Memory (Data Memory). Memory in which information can be accessed in any order. Raw Data The binary representation of code or data associated with a section. Read Only Memory Memory hardware that allows fast access to permanently stored data but prevents addition to or modification of the data. Real Time When an in-circuit emulator or debugger is released from the halt state, the processor runs in Real Time mode and behaves exactly as the normal chip would behave. In Real Time mode, the real time trace buffer of an emulator is enabled and constantly captures all selected cycles, and all break logic is enabled. In an in-circuit emulator or debugger, the processor executes in real time until a valid breakpoint causes a halt, or until the user halts the execution. In the simulator, real time simply means execution of the microcontroller instructions as fast as they can be simulated by the host CPU. Real-Time Watch A Watch window where the variables change in real-time as the application is run. See individual tool documentation to determine how to set up a real-time watch. Not all tools support real-time watches. Recursive Calls A function that calls itself, either directly or indirectly. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |