Electronic Components Datasheet Search
  English  ▼

X  

51795B Datasheet(PDF) 45 Page - Microchip Technology

Part # 51795B
Description  PICkit??3 Programmer/Debugger
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

51795B Datasheet(HTML) 45 Page - Microchip Technology

Back Button 51795B Datasheet HTML 41Page - Microchip Technology 51795B Datasheet HTML 42Page - Microchip Technology 51795B Datasheet HTML 43Page - Microchip Technology 51795B Datasheet HTML 44Page - Microchip Technology 51795B Datasheet HTML 45Page - Microchip Technology 51795B Datasheet HTML 46Page - Microchip Technology 51795B Datasheet HTML 47Page - Microchip Technology 51795B Datasheet HTML 48Page - Microchip Technology 51795B Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 100 page
background image
PICkit™ 3 USER’S GUIDE
 2010 Microchip Technology Inc.
DS51795B-page 45
Chapter 8. Frequently Asked Questions (FAQs)
8.1
INTRODUCTION
Look here for answers to frequently asked questions about the PICkit 3
programmer/debugger system.
• How Does It Work
•What’s Wrong
8.2
HOW DOES IT WORK
• What's in the silicon that allows it to communicate with the PICkit 3
programmer/debugger?
The PICkit 3 programmer/debugger can communicate with Flash silicon via the
ICSP interface. It uses the debug executive downloaded into program or test
memory.
• How is the throughput of the processor affected by having to run the debug
executive?
The debug executive doesn’t run while in Run mode, so there is no throughput
reduction when running your code, i.e., the debugger doesn’t ‘steal’ any cycles
from the target device.
• How does the PICkit 3 programmer/debugger compare with other in-circuit
emulators/debuggers?
Please refer to Section 2.2 “PICkit 3 vs. PICkit 2”.
• On the MPLAB ICE 2000/4000 debuggers, the data must come out on the
bus in order to perform a complex trigger on that data. Is this also required
on the PICkit 3 programmer/debugger? For example, could I halt based on a
flag going high?
The MPLAB ICE 2000/4000 debuggers use a special debugger chip (-ME) for
monitoring. There is no -ME with the PICkit 3 programmer/debugger so there are
no busses to monitor externally. With the PICkit 3 programmer/debugger, rather
than using external breakpoints, the built-in breakpoint circuitry of the debug
engine is used – the busses and breakpoint logic are monitored inside the part.
• Does the PICkit 3 programmer/debugger have complex breakpoints like
MPLAB ICE 2000/4000?
No. But you can break based on a value in a data memory location or program
address. See Section 10.3.1 “Breakpoints Dialog” for more information.
• Is the PICkit 3 optoisolated or electrically isolated?
No. You cannot apply a floating or high voltage (120V) to the current system.
• What limitations are there with the standard cable?
The standard ICSP RJ-11 cable does not allow for clock speeds greater than
about 15 Mbps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com