Electronic Components Datasheet Search
  English  ▼

X  

51795B Datasheet(PDF) 49 Page - Microchip Technology

Part # 51795B
Description  PICkit??3 Programmer/Debugger
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

51795B Datasheet(HTML) 49 Page - Microchip Technology

Back Button 51795B Datasheet HTML 45Page - Microchip Technology 51795B Datasheet HTML 46Page - Microchip Technology 51795B Datasheet HTML 47Page - Microchip Technology 51795B Datasheet HTML 48Page - Microchip Technology 51795B Datasheet HTML 49Page - Microchip Technology 51795B Datasheet HTML 50Page - Microchip Technology 51795B Datasheet HTML 51Page - Microchip Technology 51795B Datasheet HTML 52Page - Microchip Technology 51795B Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 100 page
background image
PICkit™ 3 USER’S GUIDE
 2010 Microchip Technology Inc.
DS51795B-page 49
Chapter 9. Error Messages
9.1
INTRODUCTION
The PICkit 3 programmer/debugger produces many different error messages; some
are specific and others can be resolved with general corrective actions.
• Specific Error Messages
• General Corrective Actions
9.2
SPECIFIC ERROR MESSAGES
PICkit 3 programmer/debugger error messages are listed below in numeric order.
Text in error messages listed below of the form %x (a variable) will display as text
relevant to your particular situation in the actual error message.
PK3Err0001: Failed while writing to program memory.
PK3Err0002: Failed while writing to EEPROM.
PK3Err0003: Failed while writing to configuration memory.
See Section 9.3.1 “Read/Write Error Actions”.
PK3Err0005: PICkit 3 is currently busy and cannot be unloaded at this time.
If you receive this error when attempting to deselect the debugger as a debugger
or programmer:
1. Wait – give the debugger time to finish any application tasks. Then try to
deselect the debugger again.
2. Select Halt to stop any running applications. Then try to deselect the
debugger again.
3. Unplug the debugger from the PC. Then try to deselect the debugger again.
4. Shut down MPLAB IDE.
PK3Err0006: Failed while writing to user ID memory.
PK3Err0007: Failed while reading program memory.
PK3Err0008: Failed while reading EEPROM.
PK3Err0009: Failed while reading configuration memory.
PK3Err0010: Failed while reading user ID memory.
See Section 9.3.1 “Read/Write Error Actions”.
PK3Err0011: Bulk erase failed.
See Section 9.3.1 “Read/Write Error Actions”.
If these do not work, try another device.
Note: Numbers may not yet appear in displayed messages. Use the Search tab
on the Help viewer to find your message and highlight it below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com