Electronic Components Datasheet Search
  English  ▼

X  

51795B Datasheet(PDF) 17 Page - Microchip Technology

Part # 51795B
Description  PICkit??3 Programmer/Debugger
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

51795B Datasheet(HTML) 17 Page - Microchip Technology

Back Button 51795B Datasheet HTML 13Page - Microchip Technology 51795B Datasheet HTML 14Page - Microchip Technology 51795B Datasheet HTML 15Page - Microchip Technology 51795B Datasheet HTML 16Page - Microchip Technology 51795B Datasheet HTML 17Page - Microchip Technology 51795B Datasheet HTML 18Page - Microchip Technology 51795B Datasheet HTML 19Page - Microchip Technology 51795B Datasheet HTML 20Page - Microchip Technology 51795B Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 100 page
background image
PICkit™ 3 USER’S GUIDE
 2010 Microchip Technology Inc.
DS51795B-page 17
Chapter 2. Theory of Operation
2.1
INTRODUCTION
A simplified description of how the PICkit 3 programmer/debugger system works is
provided here. It is intended to provide enough information so a target board can be
designed that is compatible with the debugger for both emulation and programming
operations. The basic theory of in-circuit emulation and programming is described so
that problems, if encountered, are quickly resolved.
• PICkit 3 vs. PICkit 2
• Debugger to Target Communication
• Communication Connections
• Debugging
• Requirements for Debugging
• Programming
• Resources Used by the Debugger
2.2
PICkit 3 VS. PICkit 2
The PICkit 3 programmer/debugger system is similar in function to the PICkit 2
in-circuit debugger system. Similarities of the two debuggers include:
• Powered via USB cable to PC
• Provides a programmable voltage power supply
The PICkit 3 differs from the PICkit 2 by providing:
• Extended EE program image space (512 Kbytes)
• True voltage reference
• Increased voltage range (1.8-5V VDD; 1.8-14V VPP)
2.3
DEBUGGER TO TARGET COMMUNICATION
The debugger system configurations are discussed in the following sections.
Standard ICSP Device Communication
The debugger system can be configured to use standard ICSP communication for both
programming and debugging functions. This 6-pin connection is the same one used by
the PICkit 2 programmer/debugger.
CAUTION
Do not change hardware connections while the PICkit 3 or target is powered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com