Electronic Components Datasheet Search
  English  ▼

X  

51795B Datasheet(PDF) 71 Page - Microchip Technology

Part # 51795B
Description  PICkit??3 Programmer/Debugger
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

51795B Datasheet(HTML) 71 Page - Microchip Technology

Back Button 51795B Datasheet HTML 67Page - Microchip Technology 51795B Datasheet HTML 68Page - Microchip Technology 51795B Datasheet HTML 69Page - Microchip Technology 51795B Datasheet HTML 70Page - Microchip Technology 51795B Datasheet HTML 71Page - Microchip Technology 51795B Datasheet HTML 72Page - Microchip Technology 51795B Datasheet HTML 73Page - Microchip Technology 51795B Datasheet HTML 74Page - Microchip Technology 51795B Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 100 page
background image
Hardware Specification
 2010 Microchip Technology Inc.
DS51795B-page 71
A.6
STANDARD COMMUNICATION HARDWARE
For standard debugger communication with a target (Section 2.3 “Debugger to
Target Communication”, “Standard ICSP Device Communication“), use an adapter
with an RJ-11 connector.
To use this type of communication with a header board, you may need a device-specific
Processor Pak, which includes an 8-pin connector header board containing the desired
ICE/ICD device and a standard adapter board.
For more on available header boards, see the “Header Board Specification”
(DS51292).
A.6.1
Standard Communication
The standard communication is the main interface to the target processor. It contains
the connections to the high voltage (VPP), VDD sense lines, and clock and data
connections required for programming and connecting with the target devices.
The VPP high-voltage lines can produce a variable voltage that can swing from 1.8 to
14 volts to satisfy the voltage requirements for the specific emulation processor.
The VDD sense connection draws current from the target processor.
The clock and data connections are interfaces with the following characteristics:
• Clock and data signals are in High-Impedance mode (even when no power is
applied to the PICkit 3 programmer/debugger system)
• Clock and data signals are protected from high voltages caused by faulty targets
systems, or improper connections
• Clock and data signals are protected from high current caused from electrical
shorts in prototype or target systems
FIGURE A-1:
6-PIN STANDARD PINOUT
Note: Older header boards used a 6-pin (RJ-11) connector instead of an 8-pin
connector, so these headers may be connected directly to the debugger.
1
2
3
4
5
6
Pin
Name
Function
1MCLR/VPP
Power
2VDD_TGT
Power on target
3
GND
Ground
4
PGD (ICSPDAT) Standard Com Data
5
PGC (ICSPCLK) Standard Com Clock
6
PGM (LVP)
Low Voltage Programming
Bottom of
Target Board
Standard Socket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com