Electronic Components Datasheet Search
  English  ▼

X  

51795B Datasheet(PDF) 72 Page - Microchip Technology

Part # 51795B
Description  PICkit??3 Programmer/Debugger
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

51795B Datasheet(HTML) 72 Page - Microchip Technology

Back Button 51795B Datasheet HTML 68Page - Microchip Technology 51795B Datasheet HTML 69Page - Microchip Technology 51795B Datasheet HTML 70Page - Microchip Technology 51795B Datasheet HTML 71Page - Microchip Technology 51795B Datasheet HTML 72Page - Microchip Technology 51795B Datasheet HTML 73Page - Microchip Technology 51795B Datasheet HTML 74Page - Microchip Technology 51795B Datasheet HTML 75Page - Microchip Technology 51795B Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 100 page
background image
PICkit™ 3 User’s Guide
DS51795B-page 72
 2010 Microchip Technology Inc.
A.6.2
Modular Cable and Connector
For standard communications, a modular cable connects the debugger and the target
application. The specifications for this cable and its connectors are listed below.
A.6.2.1
MODULAR CONNECTOR SPECIFICATION
• Manufacturer, Part Number – AMP Incorporated, 555165-1
• Distributor, Part Number – Digi-Key, A9031ND
The table within Figure A-2 shows how the modular connector pins on an application
correspond to the microcontroller pins. This configuration provides full ICD
functionality.
FIGURE A-2:
MODULAR CONNECTOR PINOUT OF TARGET BOARD
A.6.2.2
MODULAR PLUG SPECIFICATION
• Manufacturer, Part Number – AMP Incorporated, 5-554710-3
• Distributor, Part Number – Digi-Key, A9117ND
Modular
Connector Pin
Microcontroller
Pin
6PGM (LVP)
5
RB6
4RB7
3
Ground
2VDD Target
1
VPP
1
6
Bottom view of Modular Connector
Pinout on Target Board
16
Front view of Modular Connector
on Target Board
Target Board
Transition Socket
Device-ICE
AC164110
Adapter
Header
Power
PICkit™ 3
Mini-USB
to PC
cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com