| Electronic Components Datasheet Search |
|
51795B Datasheet(PDF) 83 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
51795B Datasheet(HTML) 83 Page - Microchip Technology |
|
83 / 100 page ![]() Glossary 2010 Microchip Technology Inc. DS51795B-page 83 Frame Pointer A pointer that references the location on the stack that separates the stack-based arguments from the stack-based local variables. Provides a convenient base from which to access local variables and other values for the current function. Free-Standing An implementation that accepts any strictly conforming program that does not use complex types and in which the use of the features specified in the library clause (ANSI ‘89 standard clause 7) is confined to the contents of the standard headers <float.h>, <iso646.h>, <limits.h>, <stdarg.h>, <stdbool.h>, <stddef.h> and <stdint.h>. GPR General Purpose Register. The portion of device data memory (RAM) available for general use. Halt A stop of program execution. Executing Halt is the same as stopping at a breakpoint. Heap An area of memory used for dynamic memory allocation where blocks of memory are allocated and freed in an arbitrary order determined at runtime. Hex Code Executable instructions stored in a hexadecimal format code. Hex code is contained in a hex file. Hex File An ASCII file containing hexadecimal addresses and values (hex code) suitable for programming a device. Hexadecimal The base 16 numbering system that uses the digits 0-9 plus the letters A-F (or a-f). The digits A-F represent hexadecimal digits with values of (decimal) 10 to 15. The rightmost digit counts ones, the next counts multiples of 16, then 162 = 256, etc. High Level Language A language for writing programs that is further removed from the processor than assembly. ICD In-Circuit Debugger. MPLAB ICD and PICkit (with Debug Express), are Microchip’s in-circuit debuggers. ICE In-Circuit Emulator. MPLAB ICE 2000 and MPLAB ICE 4000 system are Microchip’s classic in-circuit emulators. MPLAB REAL ICE system is Microchip’s next-generation in-circuit emulator. ICSP™ In-Circuit Serial Programming. A method of programming Microchip embedded devices using serial communication and a minimum number of device pins. IDE Integrated Development Environment. MPLAB IDE is Microchip’s integrated development environment. Identifier A function or variable name. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |