Electronic Components Datasheet Search
  English  ▼

X  

82576EB Datasheet(PDF) 12 Page - Intel Corporation

Part # 82576EB
Description  Intel짰 82576EB Gigabit Ethernet Controller Specification Update
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82576EB Datasheet(HTML) 12 Page - Intel Corporation

Back Button 82576EB Datasheet HTML 8Page - Intel Corporation 82576EB Datasheet HTML 9Page - Intel Corporation 82576EB Datasheet HTML 10Page - Intel Corporation 82576EB Datasheet HTML 11Page - Intel Corporation 82576EB Datasheet HTML 12Page - Intel Corporation 82576EB Datasheet HTML 13Page - Intel Corporation 82576EB Datasheet HTML 14Page - Intel Corporation 82576EB Datasheet HTML 15Page - Intel Corporation 82576EB Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Sightings, Clarifications, Changes, Errata and Software Clarifications - Intel® 82576EB GbE Controller
Intel® 82576EB GbE Controller
Revision: 2.85
Specification Update
September 2012
12
15. Internal Copper PHY: IEEE 1411.10.03 – 10BASE-T Harmonic Content Fails at Low Voltage
A1, A2 NoFix
16. NC-SI: Additional Multicast Packets May Be Forwarded To MC
A1, A2 NoFix
17. SMBus: Unread Packets Received On One Port May Cause Loss of Ability To Receive on
Other Port
A1, A2 NoFix
18. JTAG: Instruction Register Functionality Doesn't Meet IEEE Std 1149-1-2001
A1, A2 NoFix
19. LED Stays On When SerDes Is Powered Down
A1, A2 NoFix
20. PCIe Elastic Buffer Noise Immunity Is Not Optimized
Fixed.
21. PCIe: Missing Replay Due to Recovery During TLP Transmission
A1, A2 NoFix
22. PCIe: LTSSM Moves from L0 to Recovery Only When Receiving TS1/TS2 on All Lanes
A1, A2 NoFix
23. This entry moved from the Errata to Specification Clarification section (above).
N/A
24. PCIe: Missing Completion on D3 to D0 Transition
A1, A2 NoFix
25. PCIe: Completion Timeout Settings Not Loaded from EEPROM to GCR
A1, A2 NoFix
26. MSI-X: Descriptor Write-back Not Triggered by EITR Expiration in MSI-X Mode
A1, A2 NoFix
27. Tx Packet Lost After PHY Speed Change Using Auto-Negotiation
A1, A2 NoFix
28. PCIe: Wrong Byte Enable Bit Used for Completion Timeout Disable Bit in Device Control 2
Register
A1, A2 NoFix
29. PCIe: Completion with UR/CA Status Causes Unexpected Completion and Completion
Timeout Errors to be Reported
A1, A2 NoFix
30. PCIe Hot Reset Can Lead to a Firmware Hang
A1, A2 NoFix
31. MACSec: Replay Protect Not Working In Check Mode
A1, A2 NoFix
32. MACSec: Packets With E=0, C=1 Should Not Be Handled as a Authenticated MACSec
Packet
A1, A2 NoFix
33. MACSec: Packets With PN = 0 In The SECTAG Are Not Dropped
A1, A2 NoFix
34. MACSec: SA Creation Doesn’t Clear Frame Verification Statistics
A1, A2 NoFix
35. MACSec: LSECRXNUSA and LSECRXUNSA Statistic Counters Not Provided
A1, A2 NoFix
36. MACSec: When MC Is MACSec owner, MAC Reset Still Clears Keys
A1, A2 NoFix
37. TimeSync: Missing Tx timestamps in SerDes mode
A1, A2 NoFix
38. Virtualization: Dropped Packets When Using VM-to-VM Switching
A1, A2 NoFix
39. I2C Data Out Hold Time Violation
A1, A2 NoFix
40. TSYNC: Auxiliary Timestamp from SDP is Unreliable
A1, A2 NoFix
41. NC-SI: Get Link Status Command Might Cause Corruption of PHY Registers
A1, EEPROM/NVM Fix
42. NC-SI: Get NC-SI Pass-through Statistics Response Format
A1, A2 NoFix
43. PCIe: Receiver Overflow Error
A1, A2 NoFix
Table 4. Summary of Sightings, Clarifications, Changes, Errata, Software Clarifications;
Errata Include Steppings (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com