Electronic Components Datasheet Search
  English  ▼

X  

82576EB Datasheet(PDF) 27 Page - Intel Corporation

Part # 82576EB
Description  Intel짰 82576EB Gigabit Ethernet Controller Specification Update
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82576EB Datasheet(HTML) 27 Page - Intel Corporation

Back Button 82576EB Datasheet HTML 23Page - Intel Corporation 82576EB Datasheet HTML 24Page - Intel Corporation 82576EB Datasheet HTML 25Page - Intel Corporation 82576EB Datasheet HTML 26Page - Intel Corporation 82576EB Datasheet HTML 27Page - Intel Corporation 82576EB Datasheet HTML 28Page - Intel Corporation 82576EB Datasheet HTML 29Page - Intel Corporation 82576EB Datasheet HTML 30Page - Intel Corporation 82576EB Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
Intel® 82576EB GbE Controller - Errata
Revision: 2.85
Intel® 82576EB GbE Controller
September 2012
Specification Update
27
•
If IOV is not required, clear the IOV Enabled bit in the EEPROM (word 0x25, bit 0).
•
Do not use S1. Use S3 instead.
•
Make a BIOS modification to avoid the problematic event timing by providing 30 us
of quiet before and after a PMCSR write access that transfers the port from D3 to
D0. This could be done by adding an ACPI _PS0 method that includes STALLs
surrounding a STORE to PMCSR. Contact Intel for more information.
Status:
A1, A2 NoFix
▼ Return to Summary
25. PCIe: Completion Timeout Settings Not Loaded from EEPROM to GCR
Problem:
The following GCR fields should be loaded from EEPROM word 0x15 but are not:
•
Completion_Timeout_Resend
•
Completion_Timeout_Value (capability version 1 only)
•
Completion_Timeout_Disable (capability version 1 only)
Implication: EEPROM settings are ignored. Hardware default values are used.
Workaround: Software should set the values in the GCR if non-default values are required. This can be
done by the BIOS or the driver.
Status:
A1, A2 NoFix
▼ Return to Summary
26. MSI-X: Descriptor Write-back Not Triggered by EITR Expiration in MSI-X Mode
Problem:
When using MSI-X mode with multiple interrupt vectors, in many cases the descriptor
write-back is not triggered by the expiration of the EITR to which the queue is mapped.
This applies to both Tx and Rx queues.
Implication: Receive queues: If RXDCTL.WTHRESH is greater than 1, large latencies may be seen on
received packets since no descriptor write-back occurs until WTHRESH is reached.
Transmit queues using descriptor write back: If TXDCTL.WTHRESH is greater than 1,
buffers are not released by the driver until WTHRESH is reached.
Transmit queues using Head Write Back: The WB on EITR bit is ineffective and only
descriptors with RS set cause a head write-back.
Workaround: One of the following:
•
The default value of WTHRESH should be used in TXDCTL and RXDCTL. If using
Head Write Back, set the RS bit in all descriptors that should trigger a head write
back.
•
Program all 32 entries of the IVAR array to point to valid interrupt vectors that have
a non-zero EITR value programmed.
•
Don't use MSI-X or use only a single vector, and clear GPIE.Multiple_MSIX.
•
Use the SWFLUSH bit of TXDCTL and RXDCTL to periodically flush the descriptors
based on an external timer.
Status:
A1, A2 NoFix
▼ Return to Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com