Electronic Components Datasheet Search
  English  ▼

X  

82576EB Datasheet(PDF) 22 Page - Intel Corporation

Part # 82576EB
Description  Intel짰 82576EB Gigabit Ethernet Controller Specification Update
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82576EB Datasheet(HTML) 22 Page - Intel Corporation

Back Button 82576EB Datasheet HTML 18Page - Intel Corporation 82576EB Datasheet HTML 19Page - Intel Corporation 82576EB Datasheet HTML 20Page - Intel Corporation 82576EB Datasheet HTML 21Page - Intel Corporation 82576EB Datasheet HTML 22Page - Intel Corporation 82576EB Datasheet HTML 23Page - Intel Corporation 82576EB Datasheet HTML 24Page - Intel Corporation 82576EB Datasheet HTML 25Page - Intel Corporation 82576EB Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Errata - Intel® 82576EB GbE Controller
Intel® 82576EB GbE Controller
Revision: 2.85
Specification Update
September 2012
22
4. Internal Copper PHY: Test Equipment May Report Master/Slave Device Doesn't Correctly Implement
Master/Slave Resolution
Problem:
When the internal Copper PHY is operating in 1000 Mbps forced slave mode, illegal data
may be detected from the device during the transition from 10 Mbps mode (auto
negotiation) to 1000 Mbps mode after master/slave resolution is complete.
Implication: Test equipment checking for compliance of Master/Slave resolution may report failures
when the device is in Force Slave mode. In Forced Slave mode, the device should not
transmit any 1000 Mbps signals, which it is does not. However some test equipment
looks for any activity sent from the device in forced slave mode and considers this a
failure instead of looking for valid 1000 Mbps signals. Therefore, the illegal data may
results in failures reported by test equipment.
Internal validation shows the device compiles with IEEE 802.3 Table 40-5; for all
configurations, the device resolves to the correct defined mode
Workaround: None.
Status:
A1, A2 NoFix
▼ Return to Summary
5. Internal Copper PHY: Auto-MDX Improperly Implements Sample Timer
Problem:
The Auto-Crossover State Machine (Auto-MDIX) has two states: MDI_MODE and MDI-
X_MODE. The time that should be spent in each mode is defined as a multiple of a
pseudo-random number and a sample timer, which is defined to be 62 ms ± 2 ms.
A violation occurs in ~10% of the runs.
Implication: The time that the PHY is in MDI mode will have a slight deviation from the specified
definition.
Workaround: None.
Status:
A1, A2 NoFix
▼ Return to Summary
6. SCTP CRC Check Incorrect
Problem:
For SCTP CRC check; if the SCTP packet is smaller than 64 bytes and padding is added,
the SCTP CRC calculation is wrong.
Implication: The 82576 could incorrectly indicate the SCTP CRC as incorrect.
Workaround: If a 64-byte SCTP packet is received and the 82576 indicates the SCTP CRC is wrong
(RDESC.ERRORS.L4E is set), the driver should re-calculate the CRC.
Status:
A1, A2 NoFix
▼ Return to Summary
7. TLP: Poisoned TLP Reported In All Functions Instead Of Only Target
Problem:
A fatal message is incorrectly sent in response to a poisoned Transaction Layer Packet
(TLP).
Implication: The 82576 treats all poisoned memory requests as non-function specific. Instead of
reporting in the target function, a fatal error is reported in all functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com