Electronic Components Datasheet Search
  English  ▼

X  

82576EB Datasheet(PDF) 25 Page - Intel Corporation

Part # 82576EB
Description  Intel짰 82576EB Gigabit Ethernet Controller Specification Update
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82576EB Datasheet(HTML) 25 Page - Intel Corporation

Back Button 82576EB Datasheet HTML 21Page - Intel Corporation 82576EB Datasheet HTML 22Page - Intel Corporation 82576EB Datasheet HTML 23Page - Intel Corporation 82576EB Datasheet HTML 24Page - Intel Corporation 82576EB Datasheet HTML 25Page - Intel Corporation 82576EB Datasheet HTML 26Page - Intel Corporation 82576EB Datasheet HTML 27Page - Intel Corporation 82576EB Datasheet HTML 28Page - Intel Corporation 82576EB Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
Intel® 82576EB GbE Controller - Errata
Revision: 2.85
Intel® 82576EB GbE Controller
September 2012
Specification Update
25
Status:
A1, A2 NoFix
▼ Return to Summary
17. SMBus: Unread Packets Received On One Port May Cause Loss of Ability To Receive on Other Port
Problem:
The device’s two ports share memory. When packets are received by one of the ports and
not read, they are stored in the shared memory. When this memory fills up, no more
packets may be received.
Implication: The MC should be aware of the above behavior.
Workaround: 1. Make use of a SMBus alert timeout mechanism.
2. Read data and/or momentarily disable receives by the other port.
Status:
A1, A2 NoFix
▼ Return to Summary
18. JTAG: Instruction Register Functionality Doesn't Meet IEEE Std 1149-1-2001
Problem:
If UPDATE_IR directly follows CAPTURE_IR, the active instruction is DEVID. This is not as
specified by the INSTRUCTION_CAPTURE attribute.
Implication: The value from CAPTURE_IR cannot be relied upon.
Workaround: Shift in an instruction; do not rely on the value from CAPTURE_IR.
Status:
A1, A2 NoFix
▼ Return to Summary
19. LED Stays On When SerDes Is Powered Down
Problem:
The LED may remain on in D3 power state when SerDes power down is enabled (EEPROM
word 0xf, bit 1; register CTRL_EXT 0x0018, bit 18). If a link is established when the
device enters D3 power state and the LED mode is programmed to reflect LINK
indication, the LED remains on even though the SerDes interface powers down.
Implication: LED incorrectly reflects link is up when there is no link (as SerDes is powered off).
Workaround: When using the Intel Fiber adapters based on the 82576, the driver should disable optics
(when going to D3) by setting SDP3 to 1.
Status:
A1, A2 NoFix
▼ Return to Summary
20. PCIe Elastic Buffer Noise Immunity Is Not Optimized
Problem:
The PCIe elastic buffer is used to synchronize between the clock generated by the clock
recovery circuit and the internal clock. During electrical idle, in the absence of an input
signal, the clock recovery circuit can be disturbed by noise and move the elastic buffer fill
level away from the optimum value.
In the EEPROM, control bits were implemented to maintain stability during electrical idle.
In the default EEPROM image provided, these bits were not set correctly.
Implication: In cases of increased noise levels during Electrical Idle, elastic buffer instability may
cause a link training failure when exiting from L0s or (in rare instances) L1 state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com