| Electronic Components Datasheet Search |
|
82576EB Datasheet(PDF) 24 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
82576EB Datasheet(HTML) 24 Page - Intel Corporation |
|
24 / 34 page ![]() Errata - Intel® 82576EB GbE Controller Intel® 82576EB GbE Controller Revision: 2.85 Specification Update September 2012 24 12. Time SYNC: Reserved Bits Must Be Zero In PTP Header Problem: Receiver expects the reserved bits located in octet 1’s high nibble part of PTP message header to be zero; future compatibility could be an issue if the specification changes and uses those bits. Implication: Specification violation. If these reserved bits are changed in future specifications, there could be an issue. Workaround: None. Status: A1, A2 NoFix ▼ Return to Summary 13. Internal Copper PHY: No Link In Forced Mode Problem: Link may fail if Auto MDI-X is enabled during forced 100BASE-TX mode operation. Implication: Disable Auto MDI-X for Forced 100BASE-TX operation. Workaround: Since the 82576 does not disable this function automatically, drivers must perform this step. Auto MDI-X can be disabled by clearing PHYREG18.12. Intel software drivers are implemented this way. Status: A1, A2 NoFix ▼ Return to Summary 14. Duplicate. See 18. 15. Internal Copper PHY: IEEE 1411.10.03 – 10BASE-T Harmonic Content Fails at Low Voltage Problem: IEEE 1411.10.03 – 10BASE-T harmonic content fails at low voltage and the results are < 27dBC. Implication: None. Specification violation. Workaround: None. Status: A1, A2 NoFix ▼ Return to Summary 16. NC-SI: Additional Multicast Packets May Be Forwarded To MC Problem: If the MC enables Multicast filtering for IPv6 Neighbor Advertisement and/or IPv6 Router Advertisement, additional multicast packets will be forwarded to the MC. The additional packets forwarded are: 1. Packets with the ICMPv6 header's Message Type: 135,137 2. IPv6 Neighbor Advertisement 3. IPv6 Router Advertisement Implication: Additional packets may be forwarded to the MC. Workaround: The MC should filter the different multicast packets. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |