Electronic Components Datasheet Search
  English  ▼

X  

82576EB Datasheet(PDF) 26 Page - Intel Corporation

Part # 82576EB
Description  Intel짰 82576EB Gigabit Ethernet Controller Specification Update
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82576EB Datasheet(HTML) 26 Page - Intel Corporation

Back Button 82576EB Datasheet HTML 22Page - Intel Corporation 82576EB Datasheet HTML 23Page - Intel Corporation 82576EB Datasheet HTML 24Page - Intel Corporation 82576EB Datasheet HTML 25Page - Intel Corporation 82576EB Datasheet HTML 26Page - Intel Corporation 82576EB Datasheet HTML 27Page - Intel Corporation 82576EB Datasheet HTML 28Page - Intel Corporation 82576EB Datasheet HTML 29Page - Intel Corporation 82576EB Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
Errata - Intel® 82576EB GbE Controller
Intel® 82576EB GbE Controller
Revision: 2.85
Specification Update
September 2012
26
‘
Failure to exit L0s, resulting in a timeout and recovery, can cause a reduction in
performance. In rare cases, the large number of replays may cause a PCIe Hang. Failure
to exit L1 results in a Surprise Down error which may be a fatal error in operating
systems that fully support Advanced Error Reporting.
Workaround: Fix implemented in revised EEPROM version number v1.5 by setting PCIe Init
Configuration 3 word - Bits 4 & 5.
Status:
Fixed.
▼ Return to Summary
21. PCIe: Missing Replay Due to Recovery During TLP Transmission
Problem:
If the replay timer expires during the transmission of a TLP and the LTSSM moves from
L0 to Recovery during the transmission of the same TLP, the expected replay does not
occur. Additionally, the replay timer is disabled, so no further replays will occur unless a
NAK is received.
Implication: This situation should not occur during normal operation. If it does occur while the
upstream switch is waiting for a replay, the result would be a Surprise Down error which
might halt the system.
Workaround: Not needed.
Status:
A1, A2 NoFix
▼ Return to Summary
22. PCIe: LTSSM Moves from L0 to Recovery Only When Receiving TS1/TS2 on All Lanes
Problem:
According to the PCIe specification, the LTSSM should move from L0 to Recovery if a TS1
or TS2 ordered set is received on any configured Lane. The Intel®82576 GbE Controller
LTSSM only moves from L0 to Recovery if a TS1 or TS2 ordered set is received on all
configured lanes.
Implication: This situation should not occur during normal operation since the upstream switch will
transmit the TS1 or TS2 ordered sets on all lanes at the same time. If it does occur due to
a broken lane, the result would be a Surprise Down error which might halt the system.
Workaround: None; not necessary since problem does not occur under normal conditions.
23. This entry moved from the Errata to Specification Clarification section (above).
The move makes the issue’s presentation consistent with the positioning in other
products.
24. PCIe: Missing Completion on D3 to D0 Transition
Problem:
When both ports are in D3 and software transitions one port to D0 using a PMCSR write
access which arrives at a specific time relative to exiting L1: completion for the PMCSR
write is correctly provided, but the following transaction does not get a completion.
This bug only occurs when the IOV Enabled EEPROM bit is 1.
Implication: This situation has been observed when using certain operating systems that do not
support IOV during a small fraction of S1 to S0 transitions. If the problem does occur, it
will likely result in a system hang.
Workaround: Do a
ny of the following:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com