Electronic Components Datasheet Search
  English  ▼

X  

82576EB Datasheet(PDF) 31 Page - Intel Corporation

Part # 82576EB
Description  Intel짰 82576EB Gigabit Ethernet Controller Specification Update
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82576EB Datasheet(HTML) 31 Page - Intel Corporation

Back Button 82576EB Datasheet HTML 26Page - Intel Corporation 82576EB Datasheet HTML 27Page - Intel Corporation 82576EB Datasheet HTML 28Page - Intel Corporation 82576EB Datasheet HTML 29Page - Intel Corporation 82576EB Datasheet HTML 30Page - Intel Corporation 82576EB Datasheet HTML 31Page - Intel Corporation 82576EB Datasheet HTML 32Page - Intel Corporation 82576EB Datasheet HTML 33Page - Intel Corporation 82576EB Datasheet HTML 34Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
Intel® 82576EB GbE Controller - Errata
Revision: 2.85
Intel® 82576EB GbE Controller
September 2012
Specification Update
31
Status:
A1, A2 NoFix
▼ Return to Summary
37. TimeSync: Missing Tx timestamps in SerDes mode
Problem:
When transmitting a TimeSync packet in SerDes mode, there is a probability that the
timestamp will not be sampled in the Tx Timestamp Value registers and thus
TSYNCTXCTL.TXTT will not be set.
There is no issue when using 10/100/1000 BASE-T(Copper) mode.
Implication: Missing timestamps make it difficult for the software to effectively implement the
TimeSync functionality.
Workaround: The software should implement a timeout while waiting for TSYNCTXCTL.TXTT to be set
after transmitting a TimeSync packet. In case no timestamp has been captured, the
software may resend the TimeSync packet until the timestamp capture is successful, as
indicated by TSYNCTXCTL.TXTT being read as 1. The receiving software must be able to
handle these repeated packets.
Status:
A1, A2 NoFix
▼ Return to Summary
38. Virtualization: Dropped Packets When Using VM-to-VM Switching
Problem:
In a virtualized environment using IOV or VMDq, the 82576 supports up to 8 VMs with up
to 2 queues per VM. As specified in the datasheet, when a packet is switched between
VMs, RSS is not used for Rx queue selection within a VM.
However, there is also no default queue defined. Instead, the Tx queue number (0 or 1)
within the source VM is used as the Rx queue number within the destination VM. If a
packet is provided to Tx Queue 1 within a VM and it is switched to a VM in which only one
queue is used and therefore Rx Queue 1 is not defined, the packet is dropped.
Implication: There might be no communication between VMs on the same 82576 device.
This only applies to a virtualized environment using IOV or VMDq.
Workaround: Use only one Tx queue per VM.
OR
Ensure that two Rx queues are defined on all VMs.
The first option above is implemented in Intel igb/igbvf 2.6.36 kernel drivers.
Status:
A1, A2 NoFix
▼ Return to Summary
39. I2C Data Out Hold Time Violation
Problem:
The 82576 should provide a data out hold time of 50 ns on the SFPx_I2C_DATA pins. The
actual hold time is about 16 ns.
Implication: Timing specification violation. There have been no reports of failures resulting from this
timing. Note that the data input hold time required is zero, so the provided output hold
time should be more than enough as long as the I2C CLK and DATA signals are
reasonably matched on the board.
Workaround: NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com