Electronic Components Datasheet Search
  English  ▼

X  

82576EB Datasheet(PDF) 16 Page - Intel Corporation

Part # 82576EB
Description  Intel짰 82576EB Gigabit Ethernet Controller Specification Update
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82576EB Datasheet(HTML) 16 Page - Intel Corporation

Back Button 82576EB Datasheet HTML 12Page - Intel Corporation 82576EB Datasheet HTML 13Page - Intel Corporation 82576EB Datasheet HTML 14Page - Intel Corporation 82576EB Datasheet HTML 15Page - Intel Corporation 82576EB Datasheet HTML 16Page - Intel Corporation 82576EB Datasheet HTML 17Page - Intel Corporation 82576EB Datasheet HTML 18Page - Intel Corporation 82576EB Datasheet HTML 19Page - Intel Corporation 82576EB Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Specification Changes - Intel® 82576EB GbE Controller
Intel® 82576EB GbE Controller
Revision: 2.85
Specification Update
September 2012
16
Implication: Loss of link can cause a loss of the MNG session. These events do not normally occur
during a reboot cycle, so it is expected that no effect will be seen in most circumstances.
Workaround: N/A.
▼ Return to Summary
7. SerDes: AN_TIMEOUT Only Works When Link Partner Idle
Clarification: The auto-negotiation timeout mechanism (PCS_LCTL.AN_TIMEOUT_EN) only works if the
SerDes partner is sending idle code groups continuously for the duration of the timeout
period, which is the usual case. However, if the partner is transmitting packets, an auto-
negotiation timeout will not occur since auto-negotiation is restarted at the beginning of
each packet.
If the partner has an application that indefinitely transmits data despite the lack of any
response, it is possible that a link will not be established. If this is a concern, the auto-
negotiation timeout mechanism may be considered unreliable and an additional software
mechanism could be used to disable auto-negotiation if sync is maintained without a link
being established (PCS_LSTS.SYNC_OK=1b and PCS_LSTS.LINK_OK=0b) for an
extended period of time.
Note:
To Disable Auto-Negotiation when using an Intel driver, use the SerDes Forced Mode
Override bit as described in Specification Change #5.
Workaround: N/A
▼ Return to Summary
8. Padding on Transmitted SCTP Packets
Clarification: When using the 82576 to offload the CRC calculation for transmitted SCTP packets,
software should not add Ethernet padding bytes to short packets (less than 64 bytes).
Instead, the TCTL.PSP bit should be set so that the 82576 pads the packets after
performing the CRC calculation.
Workaround: N/A
▼ Return to Summary
9.
Dynamic LED Modes Can Only Be Used in an Active Low Configuration
Clarification: In any of the dynamic LED modes (FILTER_ACTIVITY, LINK/ACTIVITY, COLLISION,
ACTIVITY, PAUSED), LED blinking should only be enabled if the LED signal is configured
as an active low output.
Workaround: N/A
▼ Return to Summary
1.5.3
Specification Changes
1. Update to PBA Number EEPROM Word Format
Change:
PBA Number Module — Word 0x8-0x9
The nine-digit Printed Board Assembly (PBA) number used for Intel manufactured
Network Interface Cards (NICs) is stored in EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com