Electronic Components Datasheet Search
  English  ▼

X  

DP83848JSQ Datasheet(PDF) 60 Page - Texas Instruments

Part # DP83848JSQ
Description  DP83848J PHYTER Mini LS Commercial Temperature Single Port 10/100 Mb/s Ethernet Transceiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83848JSQ Datasheet(HTML) 60 Page - Texas Instruments

Back Button DP83848JSQ Datasheet HTML 56Page - Texas Instruments DP83848JSQ Datasheet HTML 57Page - Texas Instruments DP83848JSQ Datasheet HTML 58Page - Texas Instruments DP83848JSQ Datasheet HTML 59Page - Texas Instruments DP83848JSQ Datasheet HTML 60Page - Texas Instruments DP83848JSQ Datasheet HTML 61Page - Texas Instruments DP83848JSQ Datasheet HTML 62Page - Texas Instruments DP83848JSQ Datasheet HTML 63Page - Texas Instruments DP83848JSQ Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 80 page
background image
59
www.national.com
8.0 Electrical Specifications
Note: All parameters are guaranteed by test, statistical analysis or design.
Absolute Maximum Ratings
Recommended Operating Conditions
Absolute maximum ratings are those values beyond which
the safety of the device cannot be guaranteed. They are
not meant to imply that the device should be operated at
these limits.
8.1 DC SPECS
Supply Voltage (VCC)
-0.5 V to 4.2 V
DC Input Voltage (VIN)-0.5V to VCC + 0.5V
DC Output Voltage (VOUT)-0.5V to VCC + 0.5V
Storage Temperature (TSTG)
-65oC to 150°C
Max case temp
147.7 °C
Max. die temperature (Tj)
150 °C
Lead Temp. (TL)
(Soldering, 10 sec.)
260 °C
ESD Rating
(RZAP = 1.5k, CZAP = 120 pF)
4.0 kV
Supply voltage (VCC)3.3 Volts + .3V
Commercia - Ambient Temperature (TA)0 to 70°C
Power Dissipation (PD)
264 mW
Thermal Characteristic
Max
Units
Theta Junction to Case (Tjc)
8.8
°C / W
Theta Junction to Ambient (Tja) degrees Celsius/Watt - No Airflow @ 1.0W
Note: This is done with a JEDEC (2 layer 2 oz CU.) thermal test board
31.7
°C / W
Symbol
Pin Types
Parameter
Conditions
Min
Typ
Max
Units
VIH
I
I/O
Input High Voltage Nominal VCC
2.0
V
VIL
I
I/O
Input Low Voltage
0.8
V
IIH
I
I/O
Input High Current VIN = VCC
10
µA
IIL
I
I/O
Input Low Current VIN = GND
10
µA
VOL
O,
I/O
Output Low
Voltage
IOL = 4 mA
0.4
V
VOH
O,
I/O
Output High
Voltage
IOH = -4 mA
Vcc - 0.5
V
VledOL
LED
Output Low
Voltage
IOL = 2.5 mA
0.4
V
VledOH
LED
Output High
Voltage
IOH = -2.5 mA
Vcc - 0.5
V
IOZ
I/O,
O
TRI-STATE
Leakage
VOUT = VCC
+ 10
µA
VTPTD_100 PMD Output
Pair
100M Transmit
Voltage
0.95
1
1.05
V
VTPTDsym
PMD Output
Pair
100M Transmit
Voltage Symmetry
+ 2
%
VTPTD_10
PMD Output
Pair
10M Transmit
Voltage
2.2
2.5
2.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com