Electronic Components Datasheet Search
  English  ▼

X  

DAC161S997RGHT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC161S997RGHT
Description  16-bit SPI Programmable DAC for 4-20mA Loops
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC161S997RGHT Datasheet(HTML) 3 Page - Texas Instruments

  DAC161S997RGHT Datasheet HTML 1Page - Texas Instruments DAC161S997RGHT Datasheet HTML 2Page - Texas Instruments DAC161S997RGHT Datasheet HTML 3Page - Texas Instruments DAC161S997RGHT Datasheet HTML 4Page - Texas Instruments DAC161S997RGHT Datasheet HTML 5Page - Texas Instruments DAC161S997RGHT Datasheet HTML 6Page - Texas Instruments DAC161S997RGHT Datasheet HTML 7Page - Texas Instruments DAC161S997RGHT Datasheet HTML 8Page - Texas Instruments DAC161S997RGHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
1
2
3
4
12
11
10
9
DAP=COMA
COMA
COMD
VD
SCLK
C3
NC
ERRLVL
OUT
DAC161S997
www.ti.com
SNAS621 – JUNE 2013
16-PIN WQFN
(TOP VIEW)
PIN DESCRIPTIONS
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
BASE
16
A
External NPN base drive
COMA
1
P
Analog-block negative supply rail (local COMMON)
COMD
2
P
Digital-block negative supply rail (local COMMON)
CSB
6
I
SPI chip select
C1
14
A
External capacitor
C2
13
A
External capacitor, HART input
C3
12
A
External capacitor
DAP
DAP
P
Die attach pad. Connect directly to local COMMON (COMA, COMD).
EERB
7
O
Error flag output, open drain, active LOW
ERRLVL
10
I
Sets output-current level at power up and under-error conditions.
NC
11
Do not connect to this pin.
OUT
9
A
Loop output current source output
SCLK
4
I
SPI clock input
SDI
5
I
SPI data input
SDO
8
O
SPI data output
VA
15
P
Analog-block positive supply rail
VD
3
P
Digital-block positive supply rail.
(1)
G = Ground, I = Digital Input, O = Digital Output, P = Power, A = Analog
ORDERING INFORMATION(1)
PACKAGE(2)
ORDERABLE PART
TOP-SIDE MARKING
NUMBER
16-pin RGH0016A (WQFN)
4 mm × 4 mm
DAC161S997
RGH
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
Copyright © 2013, Texas Instruments Incorporated
3
Product Folder Links: DAC161S997



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com