Electronic Components Datasheet Search
  English  ▼

X  

DAC161S997RGHT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC161S997RGHT
Description  16-bit SPI Programmable DAC for 4-20mA Loops
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC161S997RGHT Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC161S997RGHT Datasheet HTML 7Page - Texas Instruments DAC161S997RGHT Datasheet HTML 8Page - Texas Instruments DAC161S997RGHT Datasheet HTML 9Page - Texas Instruments DAC161S997RGHT Datasheet HTML 10Page - Texas Instruments DAC161S997RGHT Datasheet HTML 11Page - Texas Instruments DAC161S997RGHT Datasheet HTML 12Page - Texas Instruments DAC161S997RGHT Datasheet HTML 13Page - Texas Instruments DAC161S997RGHT Datasheet HTML 14Page - Texas Instruments DAC161S997RGHT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
DAC161S997
www.ti.com
SNAS621 – JUNE 2013
Table 9. STATUS (Read-Only)
Address = 0x09 or 0x7F
Bit Field
Field Name
Description
DAC resolution
7:5
DAC_RES[2:0]
On DAC161S997, returns a 111.
Returns the state of the ERRLVL pin:
4
ERRLVL_PIN
1 = ERRLVL pin is tied HIGH
0 = ERRLVL pin is tied LOW
Frame-error status sticky bit
1 = A frame error has occurred since the last STATUS read.
0 = No frame error occurred since the last STATUS read.
3
FERR_STS
This error is cleared by reading the STATUS register. A frame error is caused by an
incorrect number of clocks during a register write. A register write without an integer
multiple of 24 clock cycles will cause a Frame error.
SPI time out error
1 = The SPI interface has not received a valid command within the interval set by
SPI_TIMEOUT.
2
SPI_TIMEOUT_ERR
0 = The SPI interface has received a valid command within the interval set by
SPI_TIMEOUT
If this error occurs, it is cleared with a properly formatted write command to a valid
address.
Loop status sticky bit
1 = A loop error has occurred since last read of STATUS.
0 = No loop error has occurred since last read of STATUS.
1
LOOP_STS
Returns the loop error status. When the value in this register is 1, the DAC161S997 is
unable to maintain the output current set by DACCODE at some point since the last
STATUS read. This indicator clears after reading the STATUS register.
Current loop status
1 = A loop error is occurring.
0
CURR_LOOP_STS
0 = No loop error is occurring.
Returns the current Loop error status. When the value in this register is 1, the
DAC161S997 is unable to maintain the output current set by DACCODE.
Copyright © 2013, Texas Instruments Incorporated
11
Product Folder Links: DAC161S997



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com