| Electronic Components Datasheet Search |
|
DAC161S997RGHT Datasheet(PDF) 12 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DAC161S997RGHT Datasheet(HTML) 12 Page - Texas Instruments |
|
12 / 27 page ![]() DAC IDAC IAUX ILOOP LOOP+ LOOP- R1 = 80k + - ID IA BASE OUT COMA DAC161S997 VD VA VLOCAL + - IE R2 = 40 I2 RE DAC IDAC IAUX ILOOP LOOP+ LOOP- R1 = 80k + - ID IA BASE OUT COMA R2 = 40 IE I2 DAC161S997 VD VA RE DAC161S997 SNAS621 – JUNE 2013 www.ti.com APPLICATION INFORMATION 16-BIT DAC AND LOOP DRIVE DC Characteristics The DAC converts the 16-bit input code in the DACCODE registers to an equivalent current output. The ΣΔ DAC output is a current pulse which is then filtered by a third-order RC lowpass filter and boosted to produce the loop current (ILOOP) at the device OUT pin. Figure 9. Loop-Powered Transmitter Figure 9 shows the principle of operation of the DAC161S997 in the Loop-Powered Transmitter (the circuit details are omitted for clarity). In Figure 9, ID and IA represent supply (quiescent) currents of the internal digital and analog blocks. IAUX represents supply (quiescent) current of companion devices present in the system, such as the voltage regulator and the digital interface. Because both the control loop formed by the amplifier and the bipolar transistor force the voltage across R1 and R2 to be equal, under normal conditions, the ILOOP is dependent only on IDAC through the following relationship (see Equation 1). ILOOP = (1 + R1 / R2) IDAC where • IDAC = ƒ(DACCODE) (1) Although ILoop has a number of component currents, ILOOP = IDAC + ID + IA + IAUX + IE, only IE is regulated by the loop to maintain the relationship shown in Equation 1. Because only the magnitude of IE is controlled, not the direction, there is a lower limit to ILOOP. This limit is dependent on the fixed components IA and ID, and on system implementation through IAUX. Figure 10. Self-Powered Transmitter 12 Copyright © 2013, Texas Instruments Incorporated Product Folder Links: DAC161S997 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |