Electronic Components Datasheet Search
  English  ▼

X  

DAC161S997RGHT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # DAC161S997RGHT
Description  16-bit SPI Programmable DAC for 4-20mA Loops
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC161S997RGHT Datasheet(HTML) 20 Page - Texas Instruments

Back Button DAC161S997RGHT Datasheet HTML 16Page - Texas Instruments DAC161S997RGHT Datasheet HTML 17Page - Texas Instruments DAC161S997RGHT Datasheet HTML 18Page - Texas Instruments DAC161S997RGHT Datasheet HTML 19Page - Texas Instruments DAC161S997RGHT Datasheet HTML 20Page - Texas Instruments DAC161S997RGHT Datasheet HTML 21Page - Texas Instruments DAC161S997RGHT Datasheet HTML 22Page - Texas Instruments DAC161S997RGHT Datasheet HTML 23Page - Texas Instruments DAC161S997RGHT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
DAC161S997
SNAS621 – JUNE 2013
www.ti.com
If a Loop error and a SPI Timeout error occur simultaneously and the device is configured with conflicting error
output currents, the OUT pin current reports the Loop Error.
STATUS Register
Loop Reporting
ERRB Reporting
Frame Error
Reported in FERR_STS
Not reported
Always reported
Reported by default unless
Reported by default unless
Reported in LOOP_STS and
Loop Error
ERR_CONFIG:MASK_LOOP_E
ERR_CONFIG:DIS_LOOP_ERR_ERRB
CURR_LOOP_STS
RR is set to 1
is set to 1
Reported by default unless either
ERR_CONFIG:MASK_SPI_ERR
Reported by default unless
SPI Timeout Error
Reported in SPI_TIMEOUT_ERR
or
ERR_CONFIG:MASK_SPI_TOUT is set
ERR_CONFIG:MASK_SPI_TOU
to 1
T are set to 1
Alarm Current
By default, the DAC161S997 reports faults to the plant controller by forcing the OUT current into one of two error
bands. The error current bands are defined as either greater than 20 mA, or less than 4 mA. Loop errors are
reported by setting current of ERR_LOW.
If SPI Timeout Errors are reported on the loop (this is the default; it can be changed by setting the register
ERR_CONFIG:MASK_LOOP_ERR), the error band is controlled by the ERRLVL pin. When ERRLVL is tied to
the COMD voltage, the ERR_LOW current is the reporting current. If ERRLVL is tied to VD then the ERR_HIGH
current is the current-on pin, OUT, if a SPI timeout error occurs.
The exact value of the output current used to indicate fault is dictated by the contents of ERR_HIGH and
ERR_LOW registers.
In the case of a conflicting alarm-current setting (such as a loop error and SPI timeout error occurring
simultaneously and ERRLVL is tied high), the current-on pin, OUT, is determined by ERR_LOW current.
20
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DAC161S997



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com