Electronic Components Datasheet Search
  English  ▼

X  

DAC161S997RGHT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DAC161S997RGHT
Description  16-bit SPI Programmable DAC for 4-20mA Loops
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC161S997RGHT Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC161S997RGHT Datasheet HTML 13Page - Texas Instruments DAC161S997RGHT Datasheet HTML 14Page - Texas Instruments DAC161S997RGHT Datasheet HTML 15Page - Texas Instruments DAC161S997RGHT Datasheet HTML 16Page - Texas Instruments DAC161S997RGHT Datasheet HTML 17Page - Texas Instruments DAC161S997RGHT Datasheet HTML 18Page - Texas Instruments DAC161S997RGHT Datasheet HTML 19Page - Texas Instruments DAC161S997RGHT Datasheet HTML 20Page - Texas Instruments DAC161S997RGHT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
IDAC
ILOOP
LOOP+
LOOP-
80k
40
15k
15k
15k
390n
6.8n
220n
1n
VHART
15 mV
1 mA
500 mV
VH
VH
DAC161S997
C1
C2
C3
BASE
OUT
COMA
virtual ground
500 nA
IHART
RE
DAC161S997
www.ti.com
SNAS621 – JUNE 2013
Figure 14. HART Signal Injection
RC Filter Limitation
In an effort to speed up the transient response of the device the user can reduce the capacitances associated
with the low-pass filter at the output of the
∑Δ modulator. However, to maintain stability margins of the current
control loop it is necessary to have at least C1 = C2 = C3 = 1nF.
Serial Interface
The 4-wire interface is compatible with SPI, QSPI, and MICROWIRE, as well as most DSPs. See the SPI Timing
Diagrams section for timing information about the read and write sequences. The serial interface is comprised of
CSB, SCLK, SDIs and SDO. The DAC161S997 supports both Mode 0 and Mode 3 of the SPI protocol.
A bus transaction is initiated by the falling edge of CSB. When CSB is low, the input data is sampled at the SDI
pin by the rising edge of the SCLK. The output data is asserted on the SDO pin at the falling edge of SCLK.
A valid transfer requires an integer multiple of 24 SCLK cycles. If CSB is raised before the 24th rising edge of the
SCLK, the transfer aborts and a Frame Error is reported. If CSB is held low after the 24th falling edge of the
SCLK and additional SCLK edges occur, the data continues to flow through the FIFO and out the SDO pin.
When CSB transitions high, the internal controller decodes the most recent 24 bits that were received before the
rising edge of CSB. CSB must transition to high after an integer multiple of 24 clock cycles, otherwise a Frame
Error is reported and the transaction is considered invalid. When a valid number of SCLK pulses occur with CSB
low, the DAC then performs the requested operation after CSB transitions high.
Figure 15.
Copyright © 2013, Texas Instruments Incorporated
17
Product Folder Links: DAC161S997



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com