Electronic Components Datasheet Search
  English  ▼

X  

DAC161S997RGHT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC161S997RGHT
Description  16-bit SPI Programmable DAC for 4-20mA Loops
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC161S997RGHT Datasheet(HTML) 1 Page - Texas Instruments

  DAC161S997RGHT Datasheet HTML 1Page - Texas Instruments DAC161S997RGHT Datasheet HTML 2Page - Texas Instruments DAC161S997RGHT Datasheet HTML 3Page - Texas Instruments DAC161S997RGHT Datasheet HTML 4Page - Texas Instruments DAC161S997RGHT Datasheet HTML 5Page - Texas Instruments DAC161S997RGHT Datasheet HTML 6Page - Texas Instruments DAC161S997RGHT Datasheet HTML 7Page - Texas Instruments DAC161S997RGHT Datasheet HTML 8Page - Texas Instruments DAC161S997RGHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
COMA
BASE
OUT
C2
SCLK
C3
SDI
C1
VD
ERRLVL
CSB
VA
COMD
40
HART
Modulator
LDO
4-20 mA
Loop
80k
IDAC
ÐÂ DAC
16
DAC161S997
LOOP+
LOOP-
ERRB
+
-
SDO
NC
VD
Internal
Reference
DAC161S997
www.ti.com
SNAS621 – JUNE 2013
16-bit SPI Programmable DAC for 4-20mA Loops
Check for Samples: DAC161S997
1
FEATURES
DESCRIPTION
The DAC161S997 is a very low power 16-bit
ΣΔ
2
•
16-bit Resolution
digital-to-analog converter (DAC) for transmitting an
•
Very Low Supply Current of 100 µA
analog output current over an industry standard 4-
•
5 ppmFS/°C Gain Error
20mA current loop. The DAC161S997 has a simple
4-wire SPI for data transfer and configuration of the
•
Pin-Programmable Power-Up Condition
DAC functions. To reduce power and component
•
Loop-Error Detection and Reporting
count in compact loop-powered applications, the
•
Programmable Output-Current Error Levels
DAC161S997 contains an internal ultra-low power
voltage reference and an internal oscillator. The low
•
Simple HART Modulator Interfacing
power consumption of the DAC161S997 results in
•
Highly Integrated Feature Set in Small
additional current being available for the remaining
Footprint WQFN-16 (4 × 4 mm, 0.5 mm Pitch)
portion of the system. The loop drive of the
DAC161S997 interfaces to a Highway Addressable
APPLICATIONS
Remote Transducer (HART) modulator, allowing
injection of FSK modulated digital data into the 4-
•
Two-Wire 4-20mA Current-Loop Transmitter
20mA current loop. This combination of specifications
•
Loop-Power Transmitters
and features makes the DAC161S997 ideal for 2- and
•
Industrial Process Control
4-wire industrial transmitters. The DAC161S997 is
available in a 16-pin 4 mm × 4 mm WQFN package
•
Actuator Control
and
is
specified
over
the
extended
industrial
temperature range of –40°C to +105°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC161S997RGHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC161S997EVM TI1-DAC161S997EVM Datasheet
8Mb / 16P
helps designers evaluate the operation and performance of the DAC161S997 4-20mA Loop Drive with SPI control
DAC161S997 TI-DAC161S997_15 Datasheet
2Mb / 39P
DAC161S997 16-Bit SPI-Programmable DAC for 4-20 mA Loops
More results

Similar Description - DAC161S997RGHT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD421EB AD-EVAL-AD421EB Datasheet
222Kb / 7P
Evaluation Board for Loop Powered 4-20mA DAC
REV. A
AD5421 AD-AD5421 Datasheet
2Mb / 22P
16-Bit, Serial Input, Loop-Powered, 4mA to 20mA DAC
Rev.PrN
AD5755 AD-AD5755 Datasheet
1Mb / 34P
Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
Rev. PrG
AD5757 AD-AD5757 Datasheet
909Kb / 31P
Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
logo
Texas Instruments
DAC161P997 TI1-DAC161P997 Datasheet
870Kb / 34P
DAC161P997 Single-Wire 16-bit DAC for 4-20mA Loops
DAC161P997 TI-DAC161P997_15 Datasheet
1Mb / 39P
DAC161P997 Single-Wire 16-bit DAC for 4- to 20-mA Loops
DAC161S997 TI-DAC161S997_15 Datasheet
2Mb / 39P
DAC161S997 16-Bit SPI-Programmable DAC for 4-20 mA Loops
logo
Analog Devices
AD3552R AD-AD3552R Datasheet
3Mb / 68P
16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
Rev. A
AD3542R AD-AD3542R Datasheet
3Mb / 65P
Dual Channel, 16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
Rev. 0
AD3541R AD-AD3541R Datasheet
3Mb / 56P
Single Channel, 16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com