Electronic Components Datasheet Search
  English  ▼

X  

DAC161S997RGHT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC161S997RGHT
Description  16-bit SPI Programmable DAC for 4-20mA Loops
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC161S997RGHT Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC161S997RGHT Datasheet HTML 12Page - Texas Instruments DAC161S997RGHT Datasheet HTML 13Page - Texas Instruments DAC161S997RGHT Datasheet HTML 14Page - Texas Instruments DAC161S997RGHT Datasheet HTML 15Page - Texas Instruments DAC161S997RGHT Datasheet HTML 16Page - Texas Instruments DAC161S997RGHT Datasheet HTML 17Page - Texas Instruments DAC161S997RGHT Datasheet HTML 18Page - Texas Instruments DAC161S997RGHT Datasheet HTML 19Page - Texas Instruments DAC161S997RGHT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
DAC161S997
SNAS621 – JUNE 2013
www.ti.com
The output impedance of the transmitter is a product of the external BJT's output resistance ro, and the frequency
characteristics of the internal amplifier. At low frequencies this results in a large impedance that does not
significantly affect the output current accuracy.
PSRR
Power Supply Rejection Ratio is defined as the ability of the current control loop to reject the variations in the
supply current of the companion devices, IAUX. Specifically:
(12)
It was shown in AC Characteristics that the IAUX affects ILOOP via the high-pass path whose corner frequency is
dependent on the effective Gm of the external BJT. If that dependence were not mitigated with the degenerating
resistor RE, the PSRR would be degraded at low output current ILOOP.
The typical PSRR performance of the transmitter shown in Figure 7 is shown in TYPICAL PERFORMANCE
CHARACTERISTICS.
Stability
The current control loop's stability is affected by the impedances present in the system. Figure 12 shows the
simplified diagram of the control loop, formed by the on-board amplifier and an external BJT, and the lumped
capacitances CX1 through CX4 that model any other external elements.
CX1 typically represents a local step-down regulator, or LDO, and any other companion devices powered from the
LOOP+. This capacitance reduces the stability margins of the control loop, and therefore it should be limited.
RX1 can be used to isolate CX1 from LOOP+ node and thus remedy the stability margin reduction. If RX1 = 0, CX1
cannot exceed 10 nF. RX1 = 200Ω is recommended if it can be tolerated. Minimum RX1 = 40Ω if CX1 exceeds 10
nF.
CX3 also adversely affects stability of the loop and it must be limited to 20 pF. CX4 affects the control loop in the
same way as CX1, and it should be treated in the same way as CX1. CX2 is the only capacitance that improves
stability margins of the control loop. Its maximum size is limited only by the safety requirements.
Stability is a function of ILOOP as well. Since ILOOP is approximately equal to the collector current of the external
BJT, Gm of the BJT, and thus loop dynamics, depend on ILOOP. This dependence can be reduced by
degenerating the emitter of the BJT with a small resistance as discussed in Loop Interface. Inductance in series
with the LOOP+ and LOOP
− do not significantly affect the control loop.
Noise and Ripple
The output of the DAC is a current pulse train. The transition density varies throughout the DAC input code range
(ILOOP range). At the extremes of the code range, the transition density is the lowest which results in low
frequency components of the DAC output passing through the RC filter. Hence, the magnitude of the ripple
present in ILOOP is the highest at the ends of the transfer characteristic of the device (see TYPICAL
PERFORMANCE CHARACTERISTICS).
It should be noted that at wide noise measurement bandwidth, it is the ripple due to the
∑Δ modulator that
dominates the noise performance of the device throughout the entire code range of the DAC. This results in the
“U” shaped noise characteristic as a function of output current. At narrow bandwidths, and particularly at mid-
scale output currents, it is the amplifier driving the external BJT that starts to dominate as a noise source.
Digital Feedthrough
Digital feedthrough is indiscernible from the ripple induced by the
∑Δ modulator.
HART Signal Injection
The HART specification requires minimum suppression of the sensor signal in the HART signal band (1-2 kHz) of
about 60 dB. The filter in Figure 14 below meets that requirement.
16
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DAC161S997



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com