Electronic Components Datasheet Search
  English  ▼

X  

DAC161S997RGHT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC161S997RGHT
Description  16-bit SPI Programmable DAC for 4-20mA Loops
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC161S997RGHT Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC161S997RGHT Datasheet HTML 10Page - Texas Instruments DAC161S997RGHT Datasheet HTML 11Page - Texas Instruments DAC161S997RGHT Datasheet HTML 12Page - Texas Instruments DAC161S997RGHT Datasheet HTML 13Page - Texas Instruments DAC161S997RGHT Datasheet HTML 14Page - Texas Instruments DAC161S997RGHT Datasheet HTML 15Page - Texas Instruments DAC161S997RGHT Datasheet HTML 16Page - Texas Instruments DAC161S997RGHT Datasheet HTML 17Page - Texas Instruments DAC161S997RGHT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
LOOP+
LOOP-
R1
R2
+
-
A(s)Gm
IDAC
IAUX
ILOOP
ve
ILOOP
A(s)Gmve
ro
LOOP+
LOOP-
DAC161S997
BASE
OUT
COMA
RX1
CX1
CX2
CX3
CX4
A(s)
gm
+
-
IAUX
R1
R2
RE
Gm
IDAC
ro
DAC161S997
SNAS621 – JUNE 2013
www.ti.com
Loop Compliance
The maximum V(LOOP+,LOOP-) potential is limited by the choice of step-down regulator, and the external BJT’s
Collector Emitter breakdown voltage. For minimum V(LOOP+, LOOP
−) potential consider TROUBLEFigure 10.
Here, observe that V(LOOP+,LOOP
−) ≅ min(VCE) + ILOOPRE + ILOOPR2 = min(VCE) + 0.53V + 0.96V = 3.66V, at
ILOOP = 24mA. The voltage drop across internal R2 is specified in ELECTRICAL CHARACTERISTICS.
AC Characteristics
The approximate frequency dependent characteristics of the loop drive circuit can be analyzed using the circuit in
Figure 12:
Figure 12. Capacitances Affecting Control Loop
Here it is assumed that the internal amplifier dominates the frequency response of the system, and it has a single
pole response. The BJT’s response, in the bandwidth of the control loop, is assumed to be frequency
independent and is characterized by the transconductance gm and the output resistance ro.
As in previous sections IDAC and IAUX represent the filtered output of the ∑Δ modulator and the quiescent current
of the companion devices.
The circuit in Figure 12 can be further simplified by omitting the on-board capacitances, whose effect will be
discussed in Stability, and by combining the amplifier, the external transistor and resistor RE into one Gm block.
The resulting circuit is shown in Figure 13.
By assuming that the BJT’s output resistance (ro) is large, the loop current ILOOP can be expressed as:
(3)
Figure 13. AC Analysis Model of a Transmitter
14
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DAC161S997



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com