Electronic Components Datasheet Search
  English  ▼

X  

TPS2592AX Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2592AX
Description  5V/12V eFuse with Over Voltage Protection and Blocking FET Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2592AX Datasheet(HTML) 4 Page - Texas Instruments

  TPS2592AX Datasheet HTML 1Page - Texas Instruments TPS2592AX Datasheet HTML 2Page - Texas Instruments TPS2592AX Datasheet HTML 3Page - Texas Instruments TPS2592AX Datasheet HTML 4Page - Texas Instruments TPS2592AX Datasheet HTML 5Page - Texas Instruments TPS2592AX Datasheet HTML 6Page - Texas Instruments TPS2592AX Datasheet HTML 7Page - Texas Instruments TPS2592AX Datasheet HTML 8Page - Texas Instruments TPS2592AX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TPS2592Ax
TPS2592Bx
SLVSC11A – JUNE 2013 – REVISED JUNE 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
–40°C
≤ TJ ≤ 125°C, VIN = 12V for TPS2592Ax, VIN = 5V for TPS2592Bx, VEN/UVLO = 2V, RILIM = 100kΩ, CdVdT = OPEN. All
voltages referenced to GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ILIM (CURRENT LIMIT PROGRAMMING)
IILIM
ILIM Bias current
10
µA
RILIM = 45.3 kΩ, VVIN-OUT = 1 V
1.79
2.10
2.42
IOL
RILIM = 100 kΩ, VVIN-OUT = 1 V
3.46
3.75
4.03
A
RILIM = 150 kΩ, VVIN-OUT = 1 V
4.4
5.2
6
Overload current limit
RILIM = 0 Ω, Shorted Resistor Current Limit (Single Point
IOL-R-Short
0.7
A
Failure Test: UL60950)
RILIM = OPEN, Open Resistor Current Limit (Single Point
IOL-R-Open
0.55
A
Failure Test: UL60950)
RILIM = 45.3 kΩ, VVIN-OUT = 5 V, TPS2592Bx
1.72
2.05
2.38
RILIM = 45.3 kΩ, VVIN-OUT = 12 V, TPS2592Ax
1.66
1.98
2.29
RILIM = 100 kΩ, VVIN-OUT = 5 V, TPS2592Bx
3.14
3.56
3.98
ISCL
Short-circuit current limit
A
RILIM = 100 kΩ, VVIN-OUT = 12 V, TPS2592Ax
2.90
3.32
3.75
RILIM = 150 kΩ, VVIN-OUT = 5 V, TPS2592Bx
4.12
4.86
5.60
RILIM = 150 kΩ, VVIN-OUT = 12 V, TPS2592Ax
3.75
4.42
5.10
Fast-Trip comparator level w.r.t.
RATIOFASTRIP
IFASTRIP : IOL
160%
overload current limit
TFastOffDly
Fast-Trip comparator delay
IOUT > IFASTRIP
3
µs
VOpenILIM
ILIM Open resistor detect threshold
VILIM Rising, RILIM = OPEN
3.1
V
OUT (PASS FET OUTPUT)
TON
Turn-on delay
EN/UVLO
→ H to IVIN = 100mA, 1A resistive load at OUT
220
µs
TJ = 25°C
21
28
33
RDSon
FET ON resistance
m
Ω
TJ = 125°C
(1)
39
46
IOUT-OFF-LKG
VEN/UVLO = 0 V, VOUT = 0 V (Sourcing)
–5
0
1
OUT Bias current in off state
µA
IOUT-OFF-SINK
VEN/UVLO = 0V, VOUT = 300 mV (Sinking)
10
15
20
BFET (BLOCKING FET GATE DRIVER)
IBFET
BFET Charging current
VBFET = VOUT
2
µA
VBFETmax
BFET Clamp voltage
VVIN+6.4
V
RBFETdisch
BFET Discharging resistance
VEN/UVLO = 0 V, IBFET = 100 A
15
26
36
Ω
EN/UVLO
→ H to VBFET = 12 V, CBFET = 1 nF
4.2
TBFET-ON
BFET Turn-on duration
ms
EN/UVLO
→ H to VBFET = 12 V, CBFET = 10 nF
42
EN/UVLO
→ L to VBFET = 1 V, CBFET = 1 nF
0.4
TBFET-OFF
BFET Turn-off duration
µs
EN/UVLO
→ L to VBFET = 1 V, CBFET = 10 nF
1.4
TSD (THERMAL SHUT DOWN)
TSHDN
TSD Threshold, rising(1)
160
°C
TSHDNhyst
TSD Hysteresis(1)
10
°C
TPS2592xL
LATCHED
Thermal fault: latched or autoretry
AUTO-
TPS2592xA
RETRY
(1)
The limits for these parameters are specified based on characterization data, and are not tested during production.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS2592Ax TPS2592Bx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com