Electronic Components Datasheet Search
  English  ▼

X  

TPS2592AX Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS2592AX
Description  5V/12V eFuse with Over Voltage Protection and Blocking FET Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2592AX Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2592AX Datasheet HTML 7Page - Texas Instruments TPS2592AX Datasheet HTML 8Page - Texas Instruments TPS2592AX Datasheet HTML 9Page - Texas Instruments TPS2592AX Datasheet HTML 10Page - Texas Instruments TPS2592AX Datasheet HTML 11Page - Texas Instruments TPS2592AX Datasheet HTML 12Page - Texas Instruments TPS2592AX Datasheet HTML 13Page - Texas Instruments TPS2592AX Datasheet HTML 14Page - Texas Instruments TPS2592AX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TPS2592Ax
TPS2592Bx
www.ti.com
SLVSC11A – JUNE 2013 – REVISED JUNE 2013
TYPICAL CHARACTERISTICS (continued)
TJ = 25°C, VVIN = 12 V for TPS2592Ax, VVIN = 5 V for TPS2592Bx, VEN/UVLO = 2 V, RILIM = 100 kΩ, CVIN=0.1 µF, COUT=1µF,
CdVdT = OPEN (unless stated otherwise)
Figure 37. SHORT CIRCUIT (Zoom): FAST-TRIP
Figure 38. TRANSIENT: RECOVERY FROM SHORT CIRCUIT
COMPARATOR
Figure 39. TRANSIENT: WAKE UP TO SHORT CIRCUIT
Figure 40. TRANSIENT: OVERLOAD CURRENT LIMIT:
(ILOAD stepped from 50% to 120%, back to 50%)
Figure 41. TRANSIENT: THERMAL FAULT AUTO-RETRY
Figure 42. TRANSIENT: THERMAL FAULT LATCHED
(TPS2592xA)
(TPS2592xL)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS2592Ax TPS2592Bx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com