Electronic Components Datasheet Search
  English  ▼

X  

TPS2592AX Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS2592AX
Description  5V/12V eFuse with Over Voltage Protection and Blocking FET Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2592AX Datasheet(HTML) 5 Page - Texas Instruments

  TPS2592AX Datasheet HTML 1Page - Texas Instruments TPS2592AX Datasheet HTML 2Page - Texas Instruments TPS2592AX Datasheet HTML 3Page - Texas Instruments TPS2592AX Datasheet HTML 4Page - Texas Instruments TPS2592AX Datasheet HTML 5Page - Texas Instruments TPS2592AX Datasheet HTML 6Page - Texas Instruments TPS2592AX Datasheet HTML 7Page - Texas Instruments TPS2592AX Datasheet HTML 8Page - Texas Instruments TPS2592AX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
14.5
15
15.5
16
-50
0
50
100
150
Temperature (
ƒC)
10 mA
100 mA
500 mA
C005
5.4
5.6
5.8
6
6.2
6.4
6.6
-50
0
50
100
150
Temperature (oC)
10 mA
0
0.1
0.2
0.3
0.4
0.5
0.6
0
5
10
15
20
V
IN (V)
125 °C
85 °C
25 °C
-40 °C
C003
0
0.2
0.4
0.6
0.8
1
0
5
10
15
20
V
IN (V)
125 °C
85 °C
25 °C
-40 °C
C004
4
4.05
4.1
4.15
4.2
4.25
4.3
4.35
-50
0
50
100
150
Temperature (
ƒC)
C001
0
0.05
0.1
0.15
0.2
0.25
0
5
10
15
20
V
IN (V)
125 °C
85 °C
25 °C
-40 °C
C002
TPS2592Ax
TPS2592Bx
www.ti.com
SLVSC11A – JUNE 2013 – REVISED JUNE 2013
TYPICAL CHARACTERISTICS
TJ = 25°C, VVIN = 12 V for TPS2592Ax, VVIN = 5 V for TPS2592Bx, VEN/UVLO = 2 V, RILIM = 100 kΩ, CVIN=0.1 µF, COUT=1µF,
CdVdT = OPEN (unless stated otherwise)
Figure 1. VUVLO vs TEMPERATURE
Figure 2. IVIN-OFF vs VIN ACROSS TEMPERATURE
Figure 3. IVIN-ON vs VIN ACROSS TEMPERATURE
Figure 4. IVIN-ON vs VIN ACROSS TEMPERATURE
(TPS2592Ax)
(TPS2592Bx)
Figure 5. VOVC vs TEMPERATURE ACROSS IOUT
Figure 6. VOVC vs TEMPERATURE
(TPS2592Ax)
(TPS2592Bx)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS2592Ax TPS2592Bx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com