Electronic Components Datasheet Search
  English  ▼

X  

TPS2592AX Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS2592AX
Description  5V/12V eFuse with Over Voltage Protection and Blocking FET Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2592AX Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2592AX Datasheet HTML 2Page - Texas Instruments TPS2592AX Datasheet HTML 3Page - Texas Instruments TPS2592AX Datasheet HTML 4Page - Texas Instruments TPS2592AX Datasheet HTML 5Page - Texas Instruments TPS2592AX Datasheet HTML 6Page - Texas Instruments TPS2592AX Datasheet HTML 7Page - Texas Instruments TPS2592AX Datasheet HTML 8Page - Texas Instruments TPS2592AX Datasheet HTML 9Page - Texas Instruments TPS2592AX Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
1.02
1.03
1.04
1.05
1.06
1.07
-50
0
50
100
150
Temperature (
ƒC)
C011
0.415
0.42
0.425
0.43
0.435
0.44
0.445
0.45
-50
0
50
100
150
Temperature (
ƒC)
C012
205
210
215
220
225
230
-50
0
50
100
150
Temperature (
ƒC)
C010
150
170
190
210
230
250
-50
0
50
100
150
Temperature (oC)
TPS2592Ax
TPS2592Bx
SLVSC11A – JUNE 2013 – REVISED JUNE 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
TJ = 25°C, VVIN = 12 V for TPS2592Ax, VVIN = 5 V for TPS2592Bx, VEN/UVLO = 2 V, RILIM = 100 kΩ, CVIN=0.1 µF, COUT=1µF,
CdVdT = OPEN (unless stated otherwise)
Figure 7. TRANSIENT: OVER-VOLTAGE CLAMP:
Figure 8. TRANSIENT: OVER-VOLTAGE CLAMP:
TPS2592Ax
TPS2592Bx
Figure 9. TON vs TEMPERATURE
Figure 10. IdVdT vs TEMPERATURE
Figure 11. TdVdT vs TEMPERATURE (TPS2592Ax)
Figure 12. TdVdT vs TEMPERATURE (TPS2592Bx)
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS2592Ax TPS2592Bx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com