Electronic Components Datasheet Search
  English  ▼

X  

TPS2592AX Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS2592AX
Description  5V/12V eFuse with Over Voltage Protection and Blocking FET Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2592AX Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS2592AX Datasheet HTML 13Page - Texas Instruments TPS2592AX Datasheet HTML 14Page - Texas Instruments TPS2592AX Datasheet HTML 15Page - Texas Instruments TPS2592AX Datasheet HTML 16Page - Texas Instruments TPS2592AX Datasheet HTML 17Page - Texas Instruments TPS2592AX Datasheet HTML 18Page - Texas Instruments TPS2592AX Datasheet HTML 19Page - Texas Instruments TPS2592AX Datasheet HTML 20Page - Texas Instruments TPS2592AX Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Tdvdt
VIN
Tdvdt
VIN
dvdt
L
dvdt
0
V
t
t
W
V
(1
)
dt
T
R
T
æ
ö
=
´
-
´
´
ç
÷
è
ø
ò
( )
VIN
LOAD
L
dvdt
V
t
I
t
R
T
æ
ö
=
´
ç
÷
è
ø
DS
VIN
dvdt
t
V
(t)
V
1
T
æ
ö
=
´
-
ç
÷
è
ø
INRUSH
VIN
INRUSH
P
0.5
V
I
=
´
´
VIN
INRUSH
OUT
dvdt
V
dv
I
C
I
C
dt
T
=
´
=>
=
´
TPS2592Ax
TPS2592Bx
www.ti.com
SLVSC11A – JUNE 2013 – REVISED JUNE 2013
APPLICATION INFORMATION
INRUSH CURRENT AND POWER DISSIPATION DURING START-UP
A successful design needs to keep the junction temperature of TPS2592 well below the absolute-maximum
rating during both dynamic (start-up) and steady state conditions. Dynamic power stresses often are an order of
magnitude greater than the static stresses, so it is important to determine the right start-up time and in-rush
current limit required with system capacitance to avoid thermal shutdown during start-up.
During start-up, as the output capacitor charges, the voltage difference across the internal FET decreases, and
the power dissipated decreases as well. Typical ramp-up of output voltage VOUT with inrush current limit is shown
in Figure 49 and variation of power dissipation with ramp-up time is plotted in Figure 50. The average power
dissipated in the device during start-up is equal to area of triangular plot as highlighted.
Figure 49. Start-Up Waveform
Figure 50. PDISS During Start-Up
For the TPS2592, the inrush current is determined as:
(4)
Power dissipation during start-up will be:
(5)
The above calculation assumes that load does not draw any current until the output voltage has reached its final
value.
If the load draws current during the turn-on sequence, there will be additional power dissipated during the start-
up phase. Considering a resistive load RL, load current ramps up proportionally with increase in output voltage
during Tdvdt time. Typical ramp-up of output voltage VOUT and Load current is shown in Figure 51 and variation of
power dissipation with ramp-up time is plotted in Figure 52. The additional power dissipation during start-up
phase is represented and calculated as follows:
(6)
(7)
Average energy loss due in FET during charging time due to resistive load is given by:
(8)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TPS2592Ax TPS2592Bx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com