Electronic Components Datasheet Search
  English  ▼

X  

TPS2592AX Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS2592AX
Description  5V/12V eFuse with Over Voltage Protection and Blocking FET Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2592AX Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS2592AX Datasheet HTML 14Page - Texas Instruments TPS2592AX Datasheet HTML 15Page - Texas Instruments TPS2592AX Datasheet HTML 16Page - Texas Instruments TPS2592AX Datasheet HTML 17Page - Texas Instruments TPS2592AX Datasheet HTML 18Page - Texas Instruments TPS2592AX Datasheet HTML 19Page - Texas Instruments TPS2592AX Datasheet HTML 20Page - Texas Instruments TPS2592AX Datasheet HTML 21Page - Texas Instruments TPS2592AX Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
VIN
dvdt _ min
OUT
LIM
V
T
C
I
=
´
STARTUP
INRUSH
LOAD
I
I
I
(t)
=
+
STARTUP
INRUSH
DISS _ LOAD
P
P
P
=
+
2
VIN
DISS _ LOAD
L
V
1
P
6
R
æ ö
=
´
ç ÷
è ø
TPS2592Ax
TPS2592Bx
SLVSC11A – JUNE 2013 – REVISED JUNE 2013
www.ti.com
Figure 51. Start-up Waveform with Load (2.5W)
Figure 52. PDISS During Due to Load Current
Linearizing the parabolic equation and representing as triangle, the average power loss is:
(9)
Total power dissipated in the device during startup is:
(10)
Total current during startup is given by:
(11)
If ISTARTUP > ILIM, the device limits the current to ILIM and the minimum charging time is determined by:
(12)
Power dissipation for a selected start-up time should not exceed the limits shown in below plots as shaded area.
Typical curves for no load and load are shown in Figure 53 and Figure 54.
Figure 53. IINRUSH SOA Variation with COUT and Tdvdt Figure 54. IINRUSH SOA Variation with COUT and Tdvdt
(NO Load)
(with Load)
18
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS2592Ax TPS2592Bx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com