Electronic Components Datasheet Search
  English  ▼

X  

TPS2592AX Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS2592AX
Description  5V/12V eFuse with Over Voltage Protection and Blocking FET Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2592AX Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS2592AX Datasheet HTML 10Page - Texas Instruments TPS2592AX Datasheet HTML 11Page - Texas Instruments TPS2592AX Datasheet HTML 12Page - Texas Instruments TPS2592AX Datasheet HTML 13Page - Texas Instruments TPS2592AX Datasheet HTML 14Page - Texas Instruments TPS2592AX Datasheet HTML 15Page - Texas Instruments TPS2592AX Datasheet HTML 16Page - Texas Instruments TPS2592AX Datasheet HTML 17Page - Texas Instruments TPS2592AX Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Power (W)
0
60
10
20
30
40
50
0
-14
-2
-4
-6
-8
-10
-12
(
)
5
OL
ILIM
I
0.7
3
10
R
-
=
+ ´
´
TPS2592Ax
TPS2592Bx
SLVSC11A – JUNE 2013 – REVISED JUNE 2013
www.ti.com
EN/UVLO > VENR
VIN>VUVR
BFET Mode
H
H
Charge
X
L
Discharge
L
X
Discharge
EN/UVLO: As an input pin, it controls both the ON/OFF state of the internal MOSFET and that of the external
blocking FET. In its high state, the internal MOSFET is enabled and charging begins for the gate of external FET.
A low on this pin will turn off the internal MOSFET and pull the gate of the external FET to GND via the built-in
discharge resistor. High and Low levels are specified in the parametric table of the datasheet. The EN/UVLO pin
is also used to clear a thermal shutdown latch in the TPS2592xL by toggling this pin (H
→L).
The internal de-glitch delay on EN/UVLO falling edge is intentionally kept low (1us typical) for quick detection of
power failure. When used with a resistor divider from supply to EN/UVLO to GND, power-fail detection on
EN/UVLO helps in quick turn-off of the BFET driver, thereby stopping the flow of reverse current (see typical
application diagram, Figure 47). For applications where a higher de-glitch delay on EN/UVLO is desired, or when
the supply is particularly noisy, it is recommended to use an external bypass capacitor from EN/UVLO to GND
ILIM: The device continuously monitors the load current and keeps it limited to the value programmed by RILIM.
After start-up event and during normal operation, current limit is set to IOL (over-load current limit).
(3)
When power dissipation in the internal MOSFET [PD = (VVIN -VOUT) × IOUT] exceeds 10W, there is a 2% – 12%
thermal foldback in the current limit value so that IOL drops to ISC. In each of the two modes, MOSFET gate
voltage is regulated to throttle short-circuit and overload current flowing to the load. Eventually, the device shuts
down due to over temperature.
Figure 43. Thermal Foldback in Current Limit
During a transient short circuit event, the current through the device increases very rapidly. The current-limit
amplifier cannot respond very quickly to this event due to its limited bandwidth. Therefore, the TPS2592
incorporates a fast-trip comparator, which shuts down the pass device very quickly when IOUT > IFASTRIP, and
terminates the rapid short-circuit peak current. The trip threshold is set to 60% higher than the programmed over-
load current limit (IFASTRIP = 1.6 x IOL). After the transient short-circuit peak current has been terminated by the
fast-trip comparator, the current limit amplifier smoothly regulates the output current to IOL (see figure below).
14
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS2592Ax TPS2592Bx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com