Electronic Components Datasheet Search
  English  ▼

X  

TPS2592AX Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS2592AX
Description  5V/12V eFuse with Over Voltage Protection and Blocking FET Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2592AX Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS2592AX Datasheet HTML 8Page - Texas Instruments TPS2592AX Datasheet HTML 9Page - Texas Instruments TPS2592AX Datasheet HTML 10Page - Texas Instruments TPS2592AX Datasheet HTML 11Page - Texas Instruments TPS2592AX Datasheet HTML 12Page - Texas Instruments TPS2592AX Datasheet HTML 13Page - Texas Instruments TPS2592AX Datasheet HTML 14Page - Texas Instruments TPS2592AX Datasheet HTML 15Page - Texas Instruments TPS2592AX Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
GND
dV/dT
VIN
EN/UVLO
ILIM
BFET
OUT
OUT
OUT
VIN
VIN
1
5
6
10
3,
4,
5
VIN
2
EN/
UVLO
+
1.4V
1.35V
4.3V
4.08V
+
UVLO
EN
TSD
220nA
70pF
6V
SWEN
4.8x
80W
10
ILIM
+
VIN
+
ILIMIT
1.6*ILIMIT
10 A
m
6V
GATE
CONTROL
Charge
Pump
Over
Voltage
Thermal
ShutDown
6,
7,
8
28mW
BFET
9
SWEN
22W
2 A
m
SWEN
Current
Sense
1
dV/dT
EP
GND
OUT
Fast Trip
Comp
TPS2592Ax
TPS2592Bx
SLVSC11A – JUNE 2013 – REVISED JUNE 2013
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
DRC PACKAGE
(TOP VIEW)
PIN DESCRIPTIONS
PIN
DESCRIPTION
NAME
NO.
SUPPLY PINS
VIN
3-5
Input Supply Voltage
GND
Power Pad
GND
CONTROL PINS
dV/dT
1
Tie a capacitor from this pin to GND to control the ramp rate of OUT at device turn-on.
EN/UVLO
This is a dual function control pin. When used as an ENABLE pin and pulled down, it shuts off the internal pass
MOSFET and pulls BFET to GND. When pulled high, it enables the device and BFET.
2
As an UVLO pin, it can be used to program different UVLO trip point via external resistor divider.
Connect this pin to the gate of a blocking NFET. See detailed pin description and application note in this
BFET
9
datasheet.
ILIM
10
A resistor from this pin to GND will set the overload and short circuit limit.
LOAD PINS
OUT
6-8
Output of the device
12
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS2592Ax TPS2592Bx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com