Electronic Components Datasheet Search
  English  ▼

X  

TPS2592AX Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS2592AX
Description  5V/12V eFuse with Over Voltage Protection and Blocking FET Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2592AX Datasheet(HTML) 2 Page - Texas Instruments

  TPS2592AX Datasheet HTML 1Page - Texas Instruments TPS2592AX Datasheet HTML 2Page - Texas Instruments TPS2592AX Datasheet HTML 3Page - Texas Instruments TPS2592AX Datasheet HTML 4Page - Texas Instruments TPS2592AX Datasheet HTML 5Page - Texas Instruments TPS2592AX Datasheet HTML 6Page - Texas Instruments TPS2592AX Datasheet HTML 7Page - Texas Instruments TPS2592AX Datasheet HTML 8Page - Texas Instruments TPS2592AX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
TPS2592Ax
TPS2592Bx
SLVSC11A – JUNE 2013 – REVISED JUNE 2013
www.ti.com
ORDERING INFORMATION(1)
PART NUMBER
PART MARKING
PACKAGE
TPS2592ALDRC
2592AL
10-pin DRC
TPS2592AADRC
2592AA
10-pin DRC
TPS2592BLDRC
2592BL
10-pin DRC
TPS2592BADRC
2592BA
10-pin DRC
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE(2)
UNIT
MIN
MAX
VIN
–0.3
20
Supply voltage range(3)
V
VIN (10ms Transient)
22
Output voltage
OUT
–0.3
VIN + 0.3
V
ILIM
–0.3
7
V
EN/UVLO
–0.3
7
V
dV/dT
–0.3
7
V
BFET
–0.3
30
V
Human body model(4)
±2000
V
Electrostatic discharge
Charged-device model(5)
±500
V
Continuous power dissipation
See Thermal Characteristics
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any conditions beyond those indicated under recommended operating conditions
is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-B
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101-A
(5)
Tested in accordance with JEDEC Standard 22, Test Method A115-A
THERMAL CHARACTERISTICS
(1)
TPS2592xx
THERMAL METRIC
UNIT
DRC (10) PINS
θJA
Junction-to-ambient thermal resistance
45.9
θJCtop
Junction-to-case (top) thermal resistance
53
θJB
Junction-to-board thermal resistance
21.2
°C/W
ψJT
Junction-to-top characterization parameter
1.2
ψJB
Junction-to-board characterization parameter
21.4
θJCbot
Junction-to-case (bottom) thermal resistance
5.9
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS2592Ax TPS2592Bx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com