Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5295IPFP Datasheet(HTML) 5 Page - Texas Instruments

  ADS5295IPFP Datasheet HTML 1Page - Texas Instruments ADS5295IPFP Datasheet HTML 2Page - Texas Instruments ADS5295IPFP Datasheet HTML 3Page - Texas Instruments ADS5295IPFP Datasheet HTML 4Page - Texas Instruments ADS5295IPFP Datasheet HTML 5Page - Texas Instruments ADS5295IPFP Datasheet HTML 6Page - Texas Instruments ADS5295IPFP Datasheet HTML 7Page - Texas Instruments ADS5295IPFP Datasheet HTML 8Page - Texas Instruments ADS5295IPFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 91 page
background image
ADS5295
www.ti.com
SBAS595 – DECEMBER 2012
ELECTRICAL CHARACTERISTICS: Dynamic Performance
Typical values are at TA = +25°C, AVDD = 1.8 V, LVDD = 1.8 V, maximum rated sampling frequency, 50% clock duty cycle,
100 MSPS, two-wire LVDS interface, and –1-dBFS differential analog input, unless otherwise noted.
Minimum and maximum values are across the full temperature range of TMIN = –40°C to TMAX = +85°C, AVDD = 1.8 V, and
LVDD = 1.8 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fIN = 5 MHz
67.5
70.6
dBFS
SNR
Signal-to-noise ratio
fIN = 30 MHz
70.4
dBFS
fIN = 70 MHz
69.7
dBFS
fIN = 5 MHz
66
70.4
dBFS
SINAD
Signal-to-noise and distortion ratio
fIN = 30 MHz
70
dBFS
fIN = 70 MHz
68.9
dBFS
fIN = 5 MHz
72.5
86
dBc
SFDR
Spurious-free dynamic range
fIN = 30 MHz
79
dBc
fIN = 70 MHz
76.3
dBc
fIN = 5 MHz
71
85
dBc
THD
Total harmonic distortion
fIN = 30 MHz
78.4
dBc
fIN = 70 MHz
75.8
dBc
fIN = 5 MHz
72.5
89.5
dBc
HD2
Second-harmonic distortion
fIN = 30 MHz
89.5
dBc
fIN = 70 MHz
89.5
dBc
fIN = 5 MHz
72.5
86
dBc
HD3
Third-harmonic distortion
fIN = 30 MHz
79
dBc
fIN = 70 MHz
76.4
dBc
fIN = 5 MHz
75
95
dBc
Worst spur
fIN = 30 MHz
93
dBc
(other than second and third harmonics)
fIN = 70 MHz
82.3
dBc
f1 = 8 MHz, f2 = 10 MHz,
IMD
Two-tone intermodulation distortion
86
dBc
each tone at –7 dBFS
10-MHz full-scale signal on aggressor channel;
Crosstalk
86
dB
5-MHz input signal applied on victim channel
Recovery to within 1% (of full-scale) for
Clock
Input overload recovery
1
6-dB overload with sine-wave input
cycle
For 50-mVPP signal on AVDD supply,
PSRR
AC power-supply rejection ratio
up to 10 MHz, no signal applied to analog
60
dB
inputs
ENOB
Effective number of bits
fIN = 5 MHz
11.4
LSBs
DNL
Differential nonlinearity
fIN = 5 MHz
–0.82
±0.05
0.82
LSBs
INL
Integrated nonlinearity
fIN = 5 MHz
0.4
1.1
LSBs
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com