Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 71 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5295IPFP Datasheet(HTML) 71 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 67Page - Texas Instruments ADS5295IPFP Datasheet HTML 68Page - Texas Instruments ADS5295IPFP Datasheet HTML 69Page - Texas Instruments ADS5295IPFP Datasheet HTML 70Page - Texas Instruments ADS5295IPFP Datasheet HTML 71Page - Texas Instruments ADS5295IPFP Datasheet HTML 72Page - Texas Instruments ADS5295IPFP Datasheet HTML 73Page - Texas Instruments ADS5295IPFP Datasheet HTML 74Page - Texas Instruments ADS5295IPFP Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 91 page
background image
Channel 8 Data
MAP_CH5678_to_OUTn[3:0] = 0000
Channel 7 Data
MAP_CH5678_to_OUTn[3:0] = 0010
Channel 6 Data
MAP_CH5678_to_OUTn[3:0] = 0100
Channel 5 Data
MAP_CH5678_to_OUTn[3:0] = 0110
Channel 4 Data
MAP_CH1234_to_OUTn[3:0] = 0110
Channel 3 Data
MAP_CH1234_to_OUTn[3:0] = 0100
Channel 2 Data
MAP_CH1234_to_OUTn[3:0] = 0010
Channel 1 Data
MAP_CH1234_to_OUTn[3:0] = 0000
MAP_CH5678_to_OUTn[3:0] = 1xxx,
the unused OUT LVDS buffer is powered down.
n
MAP_CH1234_to_OUTn[3:0] = 1xxx,
the unused OUT LVDS buffer is powered down.
n
OUTn
(1)
OUTn
(1)
ADS5295
www.ti.com
SBAS595 – DECEMBER 2012
Similarly, input channels 5 to 8 can be mapped to any LVDS output (OUT5A, OUT5B to OUT8A, OUT8B) using
the MAP_CH5678_TO_OUTnA, MAP_CH5678_TO_OUTnB bits, as shown in Table 17. Both multiplexing
options are controlled by registers 50h to 55h. Channel mapping block diagrams for one-wire mode and two-wire
mode are illustrated in Figure 64 and Figure 65, respectively.
Table 17. Multiplexing IN5 to IN8
MAP_CH5678_TO_OUTN[3:0](1)
MAPPING
USED IN ONE-WIRE MODE?
USED IN TWO-WIRE MODE?
0000
ADC input channel IN8 to OUTn
Y
Y (LSB byte)
ADC input channel IN8 to OUTn
0001
N
Y (MSB byte)
(two-wire only)
0010
ADC input channel IN7 to OUTn
Y
Y (LSB byte)
ADC input channel IN7 to OUTn
0011
N
Y (MSB byte)
(two-wire only)
0100
ADC input channel IN6 to OUTn
Y
Y (LSB byte)
ADC input channel IN6 to OUTn
0101
N
Y (MSB byte)
(two-wire only)
0110
ADC input channel IN5 to OUTn
Y
Y (LSB byte)
ADC input channel IN5 to OUTn
0111
N
Y (MSB byte)
(two-wire only)
LVDS output buffer OUTn
1xxx
—
—
powered down
(1)
n = 5A, 5B, 6A, 6B, 7A, 7B, 8A, or 8B.
(1) For channels 1 to 4, n = 1A, 1B, 2A, 2B, 3A, 3B, 4A, and 4B. For channels 5 to 8, n = 5A, 5B, 6A, 6B, 7A, 7B, 8A, and 8B.
Figure 64. One-Wire Channel Mapping Mode
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
71
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com