Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 20 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5295IPFP Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 16Page - Texas Instruments ADS5295IPFP Datasheet HTML 17Page - Texas Instruments ADS5295IPFP Datasheet HTML 18Page - Texas Instruments ADS5295IPFP Datasheet HTML 19Page - Texas Instruments ADS5295IPFP Datasheet HTML 20Page - Texas Instruments ADS5295IPFP Datasheet HTML 21Page - Texas Instruments ADS5295IPFP Datasheet HTML 22Page - Texas Instruments ADS5295IPFP Datasheet HTML 23Page - Texas Instruments ADS5295IPFP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 91 page
background image
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
5
10
15
20
25
Frequency (MHz)
SNR = 73.9 dBFS
SINAD = 73.3 dBFS
SFDR = 82.1 dBc
THD = 81.1 dBc
Decimate−by−2 Filter Enabled
G026
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
10
20
30
40
50
Frequency (MHz)
SNR = 74.5 dBFS
SINAD = 73.82 dBFS
SFDR = 81.4 dBc
THD = 80.8 dBc
2 Channels Averaged
G027
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
0
0.1
0.2
0.3
0.4
0.5
Normalized Frequency (fIN/fS)
Low-Pass
High-Pass
G024
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
30
40
0
0.1
0.2
0.3
0.4
0.5
Normalized Frequency (fIN/fS)
Low-Pass
Band-Pass 1
Band-Pass 2
High-Pass
G025
ADS5295
SBAS595 – DECEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS: Digital Processing
Typical values are at TA = +25°C, AVDD = 1.8 V, LVDD = 1.8 V, 50% clock duty cycle, 100 MSPS, two-wire LVDS interface,
and –1-dBFS differential analog input, unless otherwise noted.
Figure 24. DIGITAL FILTER RESPONSE
Figure 25. DIGITAL FILTER RESPONSE
(Decimate-by-2)
(Decimate-by-4)
Figure 26. FFT FOR 5-MHz INPUT SIGNAL
Figure 27. FFT FOR 5-MHz INPUT SIGNAL
(Sample Rate = 100 MSPS, Decimation Filter = 2)
(Sample Rate = 100 MSPS by Averaging Two Channels)
20
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com