Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 49 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5295IPFP Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 45Page - Texas Instruments ADS5295IPFP Datasheet HTML 46Page - Texas Instruments ADS5295IPFP Datasheet HTML 47Page - Texas Instruments ADS5295IPFP Datasheet HTML 48Page - Texas Instruments ADS5295IPFP Datasheet HTML 49Page - Texas Instruments ADS5295IPFP Datasheet HTML 50Page - Texas Instruments ADS5295IPFP Datasheet HTML 51Page - Texas Instruments ADS5295IPFP Datasheet HTML 52Page - Texas Instruments ADS5295IPFP Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 91 page
background image
ADS5295
www.ti.com
SBAS595 – DECEMBER 2012
Register 46h
D15
D14
D13
D12
D11
D10
D9
D8
ENABLE 46
0
FALL_SDR
0
BIT_SER_SEL
D7
D6
D5
D4
D3
D2
D1
D0
EN_MSB_
0
0
0
EN_SDR
BTC_MODE
0
EN_2WIRE
FIRST
All bits default to '0' after reset. Note that bit D15 must be set to '1' to enable bits D[13:0].
Bit D15
ENABLE 46
This bit enables register 46h.
Bit D14
Must write '0'
Bit D13
FALL_SDR
0 = The LCLK rising or falling edge comes at the edge of the data window when operating in
SDR output mode
1 = The LCLK rising or falling edge comes in the middle of the data window when operating
in SDR output mode
Bit D12
Must write '0'
Bits D[11:8]
BIT_SER_SEL
0001 = 10-bit serialization mode enabled
0010 = 12-bit serialization mode enabled
0100 = 14-bit serialization mode enabled
1000 = 16-bit serialization mode enabled
Do not use any other bit combinations.
Bits D[7:5]
Must write '0'
Bit D4
EN_SDR
0 = DDR bit clock
1 = SDR bit clock
Bit D3
EN_MSB_FIRST
0 = LSB first
1 = MSB first
Bit D2
BTC_MODE
0 = Binary offset (ADC data output format)
1 = Twos complement (ADC data output format)
Bit D1
Must write '0'
Bit D0
EN_2WIRE
0 = One-wire LVDS output
1 = Two-wire LVDS output
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com