Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 69 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5295IPFP Datasheet(HTML) 69 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 65Page - Texas Instruments ADS5295IPFP Datasheet HTML 66Page - Texas Instruments ADS5295IPFP Datasheet HTML 67Page - Texas Instruments ADS5295IPFP Datasheet HTML 68Page - Texas Instruments ADS5295IPFP Datasheet HTML 69Page - Texas Instruments ADS5295IPFP Datasheet HTML 70Page - Texas Instruments ADS5295IPFP Datasheet HTML 71Page - Texas Instruments ADS5295IPFP Datasheet HTML 72Page - Texas Instruments ADS5295IPFP Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 91 page
background image
ADS5295
www.ti.com
SBAS595 – DECEMBER 2012
Digital Averaging
The ADS5295 includes an averaging function where the ADC digital data from two (or four) channels can be
averaged. The averaged data are output on specific LVDS channels. Table 13 shows the combinations of the
input channels that can be averaged and the LVDS channels on which the averaged data are available.
Table 13. Using Channel Averaging
OUTPUT WHERE
AVERAGED CHANNELS
AVERAGED DATA ARE
REGISTER SETTINGS
AVAILABLE AT
1, 2
OUT1A, OUT1B
Set AVG_OUT1 = 10 and EN_CHANNEL_AVG = 1
1, 2
OUT3A, OUT3B
Set AVG_OUT3 = 11 and EN_CHANNEL_AVG = 1
3, 4
OUT4A, OUT4B
Set AVG_OUT4 = 10 and EN_CHANNEL_AVG = 1
3, 4
OUT2A, OUT2B
Set AVG_OUT2 = 11 and EN_CHANNEL_AVG = 1
1, 2, 3, 4
OUT1A, OUT1B
Set AVG_OUT1 = 11 and EN_CHANNEL_AVG = 1
1, 2, 3, 4
OUT4A, OUT4B
Set AVG_OUT4 = 11 and EN_CHANNEL_AVG = 1
5, 6
OUT5A, OUT5B
Set AVG_OUT5 = 10 and EN_CHANNEL_AVG = 1
5, 6
OUT7A, OUT7B
Set AVG_OUT7 = 11 and EN_CHANNEL_AVG = 1
7, 8
OUT8A, OUT8B
Set AVG_OUT8 = 10 and EN_CHANNEL_AVG = 1
7, 8
OUT6A, OUT6B
Set AVG_OUT6 = 11 and EN_CHANNEL_AVG = 1
5, 6, 7, 8
OUT5A, OUT5B
Set AVG_OUT5 = 11 and EN_CHANNEL_AVG = 1
5, 6, 7, 8
OUT8A, OUT8B
Set AVG_OUT8 = 11 and EN_CHANNEL_AVG = 1
Performance with Digital Processing Blocks
In applications where higher SNR performance is desired, digital processing blocks (such as averaging and
decimation filters) can be used advantageously to achieve this. Table 14 shows the improvement in SNR that
can be achieved compared to the default value, using these modes.
Table 14. SNR Improvement Using Digital Processing
TYPICAL IMPROVEMENT IN
MODE(1)
TYPICAL SNR (dB)(2)
SNR (dB)
Default
70.6
NA
With decimate-by-2 filter enabled
74.64
4.04
With decimate-by-4 filter enabled
76.13
5.53
With decimate-by-8 filter enabled
77.04
6.44
With two channels averaged and decimate-by-4 filter enabled
77.43
6.83
With four channels averaged
76.14
5.54
With four channels averaged and decimate-by-4 filter enabled
79.27
8.67
(1)
Custom coefficients are used for the decimate-by-8 filter.
(2)
In all these modes (except the default one), 14x serialization is used to capture data.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
69
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com