Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 29 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5295IPFP Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 25Page - Texas Instruments ADS5295IPFP Datasheet HTML 26Page - Texas Instruments ADS5295IPFP Datasheet HTML 27Page - Texas Instruments ADS5295IPFP Datasheet HTML 28Page - Texas Instruments ADS5295IPFP Datasheet HTML 29Page - Texas Instruments ADS5295IPFP Datasheet HTML 30Page - Texas Instruments ADS5295IPFP Datasheet HTML 31Page - Texas Instruments ADS5295IPFP Datasheet HTML 32Page - Texas Instruments ADS5295IPFP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 91 page
background image
SDATA
SCLK
CS
b) Read contents of register 0Fh. This register is initialized with 0200 (the device was previously put in global power-down).
Register Address (A[7:0]) = 0Fh
Register Data (D[15:0]) = XXXX (don’t care)
SDOUT
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
SDOUT outputs the contents of register 0Fh in the same cycle, MSB first.
A7
A6
A5
A4
A3
A1
A2
A0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SDATA
SCLK
CS
a) Enable Serial Readout (READOUT = 1)
Register Address (A[7:0]) = 01h
Register Data (D[15:0]) = 0001
SDOUT
The SDOUT Pin is in 3-State
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
The SDOUT pin becomes active and is forced low.
ADS5295
www.ti.com
SBAS595 – DECEMBER 2012
Serial Register Readout
The device includes a mode where the contents of the internal registers can be read back on the SDOUT pin.
This readback mode may be useful as a diagnostic check to verify the serial interface communication between
the external controller and the ADC.
By default, the SDOUT pin is in 3-state after a device power-up or reset. When the readout mode is enabled
using the READOUT register bit, SDOUT serially outputs the contents of the selected register. The following
steps describe how to achieve this functionality:
1. Set the READOUT register bit to '1'. This setting puts the device in serial readout mode. This mode prevents
any further writes to the internal registers, except for at register 01h. Note that the READOUT bit is also
located in register 01h. The device can exit readout mode by setting the READOUT bit to '0'. Note that only
the contents of register 01h are unable to be read in register readout mode.
2. Initiate a serial interface cycle specifying the address of the register (A[7:0]) whose content must be read.
3. The device serially outputs the contents (D[15:0]) of the selected register on the SDOUT pin.
4. The external controller can latch the contents at the SCLK rising edge.
To exit serial readout mode, reset the READOUT register bit to '0', which enables writes to all device registers. At
this point, the SDOUT pin is in 3-state. A detailed timing diagram for the serial readout mode is shown in
Figure 45.
Figure 45. Serial Readout Timing Diagram
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com