Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5295IPFP Datasheet(HTML) 3 Page - Texas Instruments

  ADS5295IPFP Datasheet HTML 1Page - Texas Instruments ADS5295IPFP Datasheet HTML 2Page - Texas Instruments ADS5295IPFP Datasheet HTML 3Page - Texas Instruments ADS5295IPFP Datasheet HTML 4Page - Texas Instruments ADS5295IPFP Datasheet HTML 5Page - Texas Instruments ADS5295IPFP Datasheet HTML 6Page - Texas Instruments ADS5295IPFP Datasheet HTML 7Page - Texas Instruments ADS5295IPFP Datasheet HTML 8Page - Texas Instruments ADS5295IPFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 91 page
background image
ADS5295
www.ti.com
SBAS595 – DECEMBER 2012
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
SUPPLIES
AVDD
Analog supply voltage
1.7
1.8
1.9
V
LVDD
Digital supply voltage
1.7
1.8
1.9
V
ANALOG INPUTS
VID
Differential input voltage range
2
VPP
Input common-mode voltage
VCM ± 0.05
V
REFT
External reference mode
1.45
V
REFB
External reference mode
0.45
V
VCM
Common-mode voltage output
0.95
V
CLOCK INPUTS (ADCLK Input Sample Rate)
One-wire LVDS interface
10
80
MSPS
ADCLK input sample rate (1 / tC)
Two-wire LVDS interface
10
100
MSPS
Sine-wave, ac-coupled
1.5
VPP
Input clock amplitude differential
LVPECL, ac-coupled
1.6
VPP
(VCLKP – VCLKN)
LVDS, ac-coupled
0.7
VPP
VIL
< 0.3
V
Input clock CMOS single-ended
(VCLKP)
VIH
> 1.5
V
Input clock duty cycle
35
50
65
%
DIGITAL OUTPUTS
1x
ADCLKP and ADCLKN outputs (LVDS), one-wire
(sample rate in
MHz
MSPS)
ADCLKP and ADCLKN outputs (LVDS), two-wire
0.5x
(sample rate in
MHz
MSPS)
6x
12x serialization
(sample rate in
MHz
MSPS)
LCLKP and LCLKN outputs
(LVDS), one-wire
5x
10x serialization
(sample rate in
MHz
MSPS)
3x
12x serialization
(sample rate in
MHz
MSPS)
LCLKP and LCLKN outputs
(LVDS), two-wire
2.5x
10x serialization
(sample rate in
MHz
MSPS)
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com