Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 18 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5295IPFP Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 14Page - Texas Instruments ADS5295IPFP Datasheet HTML 15Page - Texas Instruments ADS5295IPFP Datasheet HTML 16Page - Texas Instruments ADS5295IPFP Datasheet HTML 17Page - Texas Instruments ADS5295IPFP Datasheet HTML 18Page - Texas Instruments ADS5295IPFP Datasheet HTML 19Page - Texas Instruments ADS5295IPFP Datasheet HTML 20Page - Texas Instruments ADS5295IPFP Datasheet HTML 21Page - Texas Instruments ADS5295IPFP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 91 page
background image
68
68.5
69
69.5
70
70.5
71
71.5
72
−40 −27.5 −15 −2.5
10
22.5
35
47.5
60
72.5
85
Temperature (°C)
AVDD = 1.7 V
AVDD = 1.8 V
AVDD = 1.9 V
Input Frequency = 5 MHz
G016
0.8
0.85
0.9
0.95
1
1.05
1.1
72
74
76
78
80
82
84
86
88
90
92
68
69
70
71
72
73
Analog Input Common−Mode Voltage (V)
SFDR
SNR
Input Frequency = 5 MHz
G015
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
86
86.5
87
87.5
88
88.5
89
89.5
90
68
68.5
69
69.5
70
70.5
71
71.5
72
Input Clock Amplitude, Differential (VP-P)
SFDR
SNR
Input Frequency = 5 MHz
G013
35
40
45
50
55
60
65
80
80.5
81
81.5
82
82.5
83
83.5
84
68
68.5
69
69.5
70
70.5
71
71.5
72
Input Clock Duty Cycle (%)
SFDR
SNR
Input Frequency = 5 MHz
G014
ADS5295
SBAS595 – DECEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS: General (continued)
Typical values are at TA = +25°C, AVDD = 1.8 V, LVDD = 1.8 V, 50% clock duty cycle, 100 MSPS, two-wire LVDS interface,
and –1-dBFS differential analog input, unless otherwise noted.
Figure 16. PERFORMANCE vs INPUT CLOCK AMPLITUDE
Figure 17. PERFORMANCE vs INPUT CLOCK DUTY CYCLE
Figure 18. PERFORMANCE vs
Figure 19. SIGNAL-TO-NOISE RATIO vs
INPUT COMMON-MODE VOLTAGE
AVDD AND TEMPERATURE
18
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com