Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 59 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5295IPFP Datasheet(HTML) 59 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 55Page - Texas Instruments ADS5295IPFP Datasheet HTML 56Page - Texas Instruments ADS5295IPFP Datasheet HTML 57Page - Texas Instruments ADS5295IPFP Datasheet HTML 58Page - Texas Instruments ADS5295IPFP Datasheet HTML 59Page - Texas Instruments ADS5295IPFP Datasheet HTML 60Page - Texas Instruments ADS5295IPFP Datasheet HTML 61Page - Texas Instruments ADS5295IPFP Datasheet HTML 62Page - Texas Instruments ADS5295IPFP Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 91 page
background image
0
0.5
1
1.5
2
0
100
200
300
400
500
600
700
800
900 1000
Frequency (MHz)
G043
1
1.5
2
2.5
3
3.5
4
0
100
200
300
400
500
600
700
800
900 1000
Frequency (MHz)
G044
INP
INN
10 W
3.3 pF
Device
10 W
0.1 F
m
0.1 F
m
Device
INP
INN
5
5
6.8 pF
25
25
VCM
25
25
ADS5295
www.ti.com
SBAS595 – DECEMBER 2012
Drive Circuit Requirements
For optimum performance, the analog inputs must be driven differentially. This architecture improves the
common-mode noise immunity and even-order harmonic rejection. A small resistor (5
Ω to 10 Ω) in series with
each input pin is recommended to damp out ringing caused by package parasitics. The drive circuits in Figure 47
and Figure 48 show an R-C filter across the analog input pins. The purpose of the filter is to absorb the glitches
caused by the opening and closing of the sampling capacitors. Figure 49 and Figure 50 show the differential
input resistance and capacitance across frequency.
Figure 47. DC-Coupled Drive Circuit with RCR
Figure 48. AC-Coupled Drive Circuit
Figure 49. ADC Differential Input Resistance (RIN)
Figure 50. ADC Differential Input Capacitance (CIN)
vs Frequency
vs Frequency
Large- and Small-Signal Input Bandwidth
The small-signal bandwidth of the analog input circuit is high, approximately 500 MHz. When using an amplifier
to drive the ADS5295, the total amplifier noise up to the small-signal bandwidth must be considered. The large-
signal bandwidth of the device depends on the amplitude of the input signal. The ADS5295 supports a 2-VPP
amplitude for input signal frequencies up to 90 MHz. For higher frequencies, the amplitude of the input signal
must be decreased proportionally. For example, at 180 MHz, the device supports a maximum 1-VPP signal.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
59
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com